Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology LTC6902 Datasheet HTML 14Page - Linear Technology LTC6902 Datasheet HTML 15Page - Linear Technology LTC6902 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC6902
15
6902f
Figure 7. Start-Up Time
TIME AFTER POWER APPLIED (
µs)
0
20
30
40
600
400k
1000
69012 F07
10
0
–10
200
400
800
50
60
70
63.2k
20k
TA = 25°C
V+ = 5V
POWER SUPPLY SENSITIVITY
Figure 6 shows the output frequency sensitivity to power
supply voltage at several different temperatures. The
LTC6902 has a guaranteed voltage coefficient of 0.1%/V
but, as Figure 6 shows, the typical supply sensitivity is
twice as low.
START-UP TIME
The start-up time and settling time to within 1% of the final
value can be estimated by tSTART ≅ RSET(3.7µs/kΩ) +
10
µs. Note the start-up time depends on RSET and is
independent from the setting of the divider pin. For in-
stance with RSET = 100k, the LTC6902 will settle with 1%
of its 200kHz final value (N = 10) in approximately 380
µs.
Figure 7 shows start-up times for various RSET resistors.
Jitter
The Peak-to-Peak Jitter vs Output Frequency graph, in the
Typical Performance Characteristics section, shows the
typical clock jitter as a function of oscillator frequency and
power supply voltage. The capacitance from the SET pin,
(Pin 3), to ground must be less than 10pF. If this require-
ment is not met, the jitter will increase.
APPLICATIO S I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 6. Supply Sensitivity
SUPPLY VOLTAGE (V)
2.5
–0.05
0
0.05
0.10
0.15
3.0
3.5
4.0
4.5
69012 F06
5.0
5.5
85
°C
–40
°C
25
°C
RSET = 63.2k
PIN 4 = FLOATING (
÷10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com