Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology LTC6902 Datasheet HTML 14Page - Linear Technology LTC6902 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6902
11
6902f
THEORY OF OPERATIO
fMAX
fMIN
128 STEPS
TIME
69012 F05
3200
fMASTER
τSTEP
τSTEP =
τREPEAT
3200 • 512
fMASTER
τREPEAT =
Figure 5
APPLICATIO S I FOR ATIO
SELECTING THE DIVIDER SETTING AND RSET VALUE
The LTC6902’s master oscillator has a frequency range
spanning 0.1MHz to 20MHz. However, accuracy may
suffer if the master oscillator is operated at greater than
10MHz with a supply voltage lower than 4V. A program-
mable divider extends the frequency range to greater than
three decades. Additional frequency division may occur
depending on the multiphase mode selected. The
multiphase mode and the parameter M are generally
dependent on the application’s requirement and usually
do not offer any additional design flexibility.
The LTC6902’s master oscillator covers a 200:1 range
while the programmable divider has 10:1 steps (1, 10,
100). This wide frequency range coupled with the part’s
programmable divider yields at least two solutions for any
desired output frequency (the exception being the highest
output frequencies that cannot be divided down). Choos-
ing the best divider setting and the correct RSET resistor
value depends on the application.
For spread spectrum frequency modulated (SSFM) appli-
cations, choose the highest divider setting. This forces the
master oscillator to run at its highest frequency. The
pseudorandom signal generator is clocked by the master
oscillator, not the output, and the faster the signal moves
the greater the improvement in EMC performance. For
most applications the multiphase mode is determined by
the specific application’s need. For these applications, the
parameter M is predetermined and fixed. Table 1 lists the
recommended output (fOUT) frequency range for each
divider setting when using SSFM.
clock cycle. Note that the shift register clock is the master
oscillator’s output divided by 3200. This results in a some-
what slow moving modulating signal where each step is
separated in time by 3200/fMASTER seconds and the pseu-
dorandom sequence repeats every (512 • 3200)/fMASTER
seconds.
The servo loop in the LTC6902 cannot respond instanta-
neously to each step due to its limited bandwidth. The
VMOD voltage steps are converted to frequency steps by
the servo loop. The servo loop has a bandwidth of about
25kHz that limits the frequency change rate and softens
corners of the waveform. This is beneficial when the
LTC6902 is used to clock switching regulators as will be
discussed in the Applications Information section. Fig-
ure 5 illustrates the how the output frequency varies over
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com