Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6902
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 5 Page - Linear Technology

  LTC6902 Datasheet HTML 1Page - Linear Technology LTC6902 Datasheet HTML 2Page - Linear Technology LTC6902 Datasheet HTML 3Page - Linear Technology LTC6902 Datasheet HTML 4Page - Linear Technology LTC6902 Datasheet HTML 5Page - Linear Technology LTC6902 Datasheet HTML 6Page - Linear Technology LTC6902 Datasheet HTML 7Page - Linear Technology LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6902
5
6902f
Output Operating at 20MHz,
VS = 5V
1V/DIV
12.5ns/DIV
69012 G06
1V/DIV
25ns/DIV
69012 G07
V+ = 5V, RSET = 10k, CL = 10pF
V+ = 3V, RSET = 20k, CL = 10pF
Output Operating at 10MHz,
VS = 3V
0V
0V
TYPICAL PERFOR A CE CHARACTERISTICS
QUICK DESIG GUIDE
Step 1. Select Multiphase Mode, Setting M
By selecting the multiphase mode, a division parameter M
is also chosen:
2-Phase: Connect PH Pin to GND
M = 1
3-Phase: Leave PH Open
M = 3
4-Phase: Connect PH Pin to V+
M = 4
Step 2. Choosing Programmable Divider Setting N
A. For applications using spread spectrum frequency
modulation (SSFM) or applications that are constant fre-
quency where low clock jitter is the primary specification:
DIVIDER SETTING
FREQUENCY RANGE (fOUT • M)
N = 1
Connect DIV Pin to GND
2MHz to 20MHz
N = 10
Leave DIV Open
200kHz to 2MHz
N = 100
Connect DIV Pin to V+
< 200kHz
Note: The frequency range numbers are for a 5V supply where a 20MHz
output is the maximum frequency supported. For low supply applications
(2.7V
≤ V+ ≤ 4V), the maximum rated output frequency is 10MHz and all
of the above numbers should be halved.
B. For constant frequency applications where frequency
accuracy is the primary specification:
DIVIDER SETTING
FREQUENCY RANGE (fOUT • M)
N = 1
Connect DIV Pin to GND
> 500kHz*
N = 10
Leave DIV Open
50kHz to 500kHz
N = 100
Connect DIV Pin to V+
< 50kHz
*The maximum frequency (fOUT • M) is 20MHz for 5V applications and is
10MHz for low supply applications (2.7V
≤ V+ ≤ 4V).
f
MHz
NM
k
R
kHz
f
MHz
Spreading Percentage
R
R
OUT
SET
OUT
SET
MOD
=•
Ω


≤≤
=
10
20
520
20
•
•
;
V+
DIV
PH
OUT1
OUT2
OUT4
OUT3
OUT2
OUT1
SET
MOD
GND
OUT4
OUT3
LTC6902
RSET
RMOD
V+
DIV
PH
6902 F01
0.1
µF
Figure 1. Typical Application with Design Equation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com