Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 1 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 1 Page - Hirose Electric

  HSC2-PH2/CVMD Datasheet HTML 1Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 2Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 3Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 4Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 5Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 6Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 7Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 8Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
27
SC Type Fiber Optic Connectors
HSC Series
sFeatures
1. JIS, IEC standards compliant and fully intermateable with NTT's SC products.
JIS C 5973 (F04 type fiber optic connectors)
IEC 61754-4
2. Plugs with strain relief boot
Long strain relief boot assures that there are no performance losses when a pull force is applied in a vertical
bend direction.
The color of the boot identify the type of polishing:
Blue: PC polishing
Light purple: Advanced PC (AdPC) polishing
Green: Angled PC polishing (APC)
Other colors are also possible.
3. Zirconia Split Sleeve Adapter
Reduces the possibility of powdering caused by the repeated insertion and withdrawal of ferrule.
4. Duplex SC Type: Rigid Type
Available in following types;
H type – 8.5 mm spacing between the fibers, for high density applications.
F type – 12.7 mm spacing between the fibers, low profile, for LAN applications.
Refer to page 39 for further information.
5. Duplex SC Type: Adjustable Type -- Comply With ANSI Standards
Floating mechanism with Duplex SC plug.
It is also fully compatible with the HSCF fixed type.
6. Simplified Plugs and Receptacles.
Small size (23.8mm plug length) simplified SC plug is designed for equipments inside connection.
Refer to page 43 for further information.
sApplications
LAN, public communications lines, CableTV, computer transmission systems, test equipment, and other
applications requiring reliable fiber optic connections.


Similar Part No. - HSC2-PH2/CVMD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC2-PH2-E1 HIROSE-HSC2-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
HSC2-PH2-E1-A HIROSE-HSC2-PH2-E1-A Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
HSC2-PH2-E2 HIROSE-HSC2-PH2-E2 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
HSC2-PH2-E5 HIROSE-HSC2-PH2-E5 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
More results

Similar Description - HSC2-PH2/CVMD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
SC & FC/PC3 Pull-Proof Fiber Optic Connectors
May-1993
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
MU Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
FC Type Fiber Optic Connectors
logo
PHOENIX CONTACT
2901788 PHOENIX-2901788 Datasheet
59Kb / 2P
Fiber optic coupling - FL COUPLER SC-DUPLEX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com