Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 2 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 2 Page - Hirose Electric

  HSC2-PH2/CVMD Datasheet HTML 1Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 2Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 3Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 4Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 5Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 6Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 7Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 8Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
28
Part
Material
Simplex plug housing
Synthetic resin
Spring
Stainless Steel
Ferrule
Zirconia
Simplex adapter housing
Synthetic resin or Zinc alloy
4-position adapter housing
Synthetic resin
5-position adapter housing
Synthetic resin
Receptacle housing
Zinc alloy
Attenuator housing
Zinc alloy
Split sleeve
Zirconia or copper alloy
Dust cap
Synthetic resin
sProduct Specifications
Ratings
Operating temperature range
-25°C to +70°C
(SM)
(GI)
Storage temperature range
-25°C to +70°C
sMaterials
Item
Test Method (IEC 61300)
Specifications
Insertion Loss
Wavelength 1310nm (LD)
0.5dB max. (PC, AdPC, APC)
Wavelength 1310nm (LED)
0.3dB max. (PC)
Return Loss
Wavelength 1310nm (LD)
Engagement and Separation
/force
Ferrule withdrawal force
Extract zirconia gauge 2.499 ±0.0005 mm dia
Copper alloy split sleeve
2N to 5.9N
from split sleeve.
Zirconia split sleeve
2N to 3.9N
Cable retention
89N tensile load for one minute.
1) Insertion loss fluctuation after test: 0.2dB max.
(Straight pull)
2) No visible damage, dislocation of clamp or cable.
Durability
1000 times
(cycles, mating/un-mating)
Vibration
Shock
Humidity
-10°C to 65°C, humidity: 90% to 96%
(Temperature/ humidity- cycles)
20 cycles
Change of temperature
-40°C to +75°C 42 cycles
(Complies with Telcordia standard GR-326-CORE)
Dry heat
960 hours at 85°C
Cold
960 hours at -25°C
Salt mist
48 hours in a 5% concentration of salt mist
No significant corrosion.
Measured with corresponding connector.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 axis.
Acceleration of 981 m/s2, 6 ms duration,
sin half-wave waveform, 10 cycles in each of the 3 axis.
Simplex plug
Engagement force: 19.6 N max.
Separation force: 19.6 N max.
Duplex plug
Engagement force: 39 N max.
Separation force: 39 N max.
1) Insertion loss fluctuation after test: 0.2dB max.
2) No visible damage, cracks or part dislocation.
(SM)
(GI)
22dB min. (PC)
40dB min. (AdPC)
60dB min. (APC)
22dB min. (PC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com