Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 3 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 3 Page - Hirose Electric

  HSC2-PH2/CVMD Datasheet HTML 1Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 2Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 3Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 4Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 5Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 6Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 7Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 8Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
29
0.9 mm fiber Type
HSC2-PH0.9-E1,E2
Short length type
(For Cable Diameter: 2 mm)
HSC2-PH2-E1-A
Long strain relief
(For Cable Diameter: 2 mm & 3mm)
HSC2-PH2-E1,E2,E5
HSC2-PH3-B1,B2,B5
Short length type
(For Cable Diameter: 3mm)
HSC2-PH3-A
sFunction diagram
Simplex type
HSC2-8SR-1
HSC2-8SR-D1
Simplified receptacle
<Tool Insertion/Extraction Connectors>
SC2 type plug housing
4-Position Adapter
Panel Mounting type
HSC2-4A
HSC2-4A-D1
5-Position Adapter
Panel Mounting type
HSC2-5A
Adapter
SC type plug housing
Short length type
(For Cable Diameter: 3mm)
HSC-PH3-A4
Short length type
(For Cable Diameter: 2mm)
HSC-PH2-E1-A
0.9 mm fiber
Light weight type
HSC-PH0.9-E1,E2,E5
Strain relief type
(For Cable Diameter: 2 mm & 3mm)
HSC-PH2-E1,E2,E5
HSC-PH3-B1,B2,B5
Conversion adapter
- FC jack to SC Plug
HSCP-HRFCJ-1, 2
HSCP-HRFCJ-1AS, 2AS
Die Cast Housing Products
HSC-A2
HSC-A2-D1
Plastic Housing Products
HSC-A3
HSC-A3-D1
HSC-A3-D2
Conversion adapter
Adapter-Panel Mounting
FC to SC - Screw Mounting
HSCJ-HRFCJ-B
FC to SC - Panel Mounting
HSCJ-HRFCJ-C
ST to SC - Screw Mounting
HSCJ-HSTJ-B
HSC-SR-1,D1
HSC-SR-2,D2
HSC-R1-B,R2-B
Simplified receptacle
Receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com