Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 12 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 12 Page - Hirose Electric

Back Button HSC2-PH2/CVMD Datasheet HTML 8Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 9Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 10Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 11Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 12Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 13Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 14Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 15Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
38
sTools
CL No.
704-0287-0
Part Number
HSC-T3
Applicable connector
SC plug for 2mm, 3mm cable.
qCrimp Tool
(This is used in crimping of Kevlar at time of the plug termination.)
(1)2mm Jacket crimping: Please select section A
3mm Jacket crimping: Please select section C
(2)KevlarTM crimping: Please select section B
1.Open the tip of tool by compressing levers as shown below.
<How to operate>
Hold/release lever
qHSC2 Insertion/Extraction Tool
CL No.
704-0286-8
Part Number
HSC-T1-L
Applicable Products
HSC2 series.
qPlug assemble Tool
CL No.
Part Number
902-6029-1
HSC2-PH2/CVMD
<Locations>
2.Insert the tool (with opening the tips) into adapter.
3.Release the levers (then the tool catch HSC2 plug) and you can release the connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com