Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 13 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 13 Page - Hirose Electric

Back Button HSC2-PH2/CVMD Datasheet HTML 9Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 10Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 11Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 12Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 13Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 14Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 15Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 16Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
39
BNotes
SC duplex adapters can be also connected with Simplex SC plugs.
SC type attenuators (HSC-AT11K-Aπ-π) can be connected only with F type adapters.
Part Number
CL No.
Applicable Cable Diameter
Boot Color
Polishing type
HSCF-2PH2-E1(P)(31)
704-2109-3-31
Ø2mm
Blue
PC
HSCF-2PH2-E2(P)(31)
704-2120-6-31
Light purple
AdPC
HSCF-2PH3-B1(P)(31)
704-2032-0-31
Ø3mm
Blue
PC
HSCF-2PH3-B2(P)(31)
704-2036-1-31
Light purple
AdPC
25
55
7.8
sPlug Housing
qF Type
25
55
9
qH Type
SC Duplex
Part Number
CL No.
Applicable Cable Diameter
Boot Color
Polishing type
HSCH-2PH2-B1(P)(31)
704-2046-5-31
Ø2mm
Blue
PC
HSCH-2PH2-B2(P)(31)
704-2058-4-31
Light purple
AdPC
HSCH-2PH3-B1(P)(31)
704-2054-3-31
Ø3mm
Blue
PC
HSCH-2PH3-B2(P)(31)
704-2050-2-31
Light purple
AdPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com