Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-PH2/CVMD Datasheet(PDF) 18 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 18 Page - Hirose Electric

Back Button HSC2-PH2/CVMD Datasheet HTML 13Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 14Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 15Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 16Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 17Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 18Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 19Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 20Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 21Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
44
Part
Material
Housing
Synthetic resin
Sleeve
Synthetic resin
Split sleeve
Zirconia or Copper alloy
Plate
Stainless steel
Dust cap
Synthetic resin
sProduct Specifications
Ratings
Operating temperature range
-25°C to +70°C
(SM)
(GI)
Storage temperature range
-25°C to +70°C
sMaterials
Item
Test Method (IEC 61300)
Specifications
Insertion Loss
Wavelength 1310nm (LD)
0.5dB max. (PC, AdPC)
Wavelength 1310nm (LED)
0.3dB max. (PC)
Return Loss
Wavelength 1310nm (LD)
22dB min. (PC) 40dB min. (AdPC)
22dB min. (PC)
Ferrule withdrawal
Extract zirconia gauge 2.499 ±0.0005 mm dia
Copper alloy split sleeve
2N to 5.9N
from split sleeve.
Zirconia split sleeve
2N to 3.9N
Durability
1000 times
(cycles, mating/un-mating)
Vibration
Shock
Humidity resistance
Temperature: -10°C to 65°C, humidity: 90% to 96%
(Temperature/ humidity- cycles)
20 cycles
Change of temperature
Temperature: -40°C / +75°C 42cycles
(Complies with Telcordia standard GR-326-CORE)
Dry Heat
960 hours at 85°C
Cold
960 hours at -25°C
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 axis.
Acceleration of 981 m/s2, 6 ms duration, sine half-
wave waveform, 10 cycles in each of the 3 axis.
Insertion loss fluctuation after test: 0.2dB max.
No visible damage, cracks or part dislocation.
(SM)
(GI)
qSimplified receptacle
Part
Material
Ferrule
Zirconia and Synthetic resin
Boot
Synthetic resin
Ferrule cap
Synthetic resin
qSimplified plug
Part
Material
Extraction tool
Synthetic resin
qSimplified plug extraction tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com