Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF009 Datasheet HTML 4Page - Micrel Semiconductor MICRF009 Datasheet HTML 5Page - Micrel Semiconductor MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor MICRF009 Datasheet HTML 10Page - Micrel Semiconductor MICRF009 Datasheet HTML 11Page - Micrel Semiconductor MICRF009 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel
MICRF009
January 18, 2005
8
M9999-011805
(408) 955-1690
315MHz
9.81MHz
390MHz
12.140MHz
418MHz
13.01MHz
433.92MHz
13.51MHz
Table 2. Sweep-Mode Recommended Reference Oscillator
Values For Typical Transmit Frequencies
Step 3: Selecting C
TH Capacitor
Extraction of the DC value of the demodulated signal for
purposes of logic-level data slicing is accomplished using
the external threshold capacitor CTH and the on-chip
switched capacitor “resistor” RSC, shown in the block
diagram.
Slicing level time constant values vary somewhat with
decoder type, data pattern, and data rate, but typically
values range from 5ms to 50ms.This issue is covered in
more detail in “Application Note 22.” Optimization of the
value of CTH is required to maximize range.
Selecting Capacitor CTH
The first step in the process is selection of a data-slicing-
level time constant. This selection is strongly dependent on
system issues including system decode response time and
data code structure (that is, existence of data preamble,
etc.) This issue is also covered in more detail in
“Application Note 22.”
The effective resistance of RSC is listed in the electrical
characteristics table as 145kΩ at 315MHz, this value
scales linearly with frequency. Source impedance of the
CTH pin at other frequencies is given by equation (4),
where fT is in MHz:
RSC = 145Ω
9.7940
fT
(4)
τ of 5x the bit-rate is recommended. The effective
resistance of RSC is listed in the electrical characteristics
table as 145kΩ at 315MHz, this value scales inversely with
frequency. Source impedance of the CTH pin at other
frequencies is given by equation (5), where fT is in MHz:
CTH =
τ
RSC
(5)
A standard ±20% X7R ceramic capacitor is generally
sufficient. Refer to “Application Hint 42” for CTH and CAGC
selection examples.
Step 4: Selecting C
AGC Capacitor
The signal path has AGC (automatic gain control) to
increase input dynamic range. The attack time constant of
the AGC is set externally by the value of the CAGC
capacitor connected to the CAGC pin of the device. To
maximize system range, it is important to keep the AGC
control voltage ripple low, preferably under 10mVPP once
the control voltage has attained its quiescent value. For
this reason, capacitor values of at least 0.47µF are
recommended.
The AGC control voltage is carefully managed on-chip to
allow duty-cycle operation of the MICRF009. When the
device is placed into shutdown mode (SHUT pin is pulled
high), the AGC capacitor floats to retain the voltage. When
operation is resumed, only the voltage droop due to
capacitor leakage must be replenished. A relatively low-
leakage capacitor is recommended when the devices are
used in duty-cycled operation.
To further enhance duty-cycled operation, the AGC push
and pull currents are boosted for approximately 10ms
immediately after the device is taken out of shutdown. This
compensates for AGC capacitor voltage droop and
reduces the time to restore the correct AGC voltage. The
current is boosted by a factor of 45.
Selecting CAGC Capacitor in Continuous Mode
A CAGC capacitor in the range of 0.47µF to 4.7µF is
typically recommended. Caution! If the capacitor is too
large, the AGC may react too slowly to incoming signals.
AGC settling time, from a completely discharged (zero-volt)
state is given approximately by Equation 6:
∆t = 1.333 × C
AGC − 0.44
(6)
where:
CAGC is in µF, and ∆t is in seconds.
Selecting CAGC Capacitor in Duty-Cycle Mode
Voltage droop across the CAGC capacitor during shutdown
should be replenished as quickly as possible after the IC is
enabled. As mentioned above, the MICRF009 boosts the
push-pull current by a factor of 45 immediately after start-
up. This fixed time period is based on the reference
oscillator frequency fT. The time is 10.9ms for fT =
6.00MHz, and varies inversely with fT. The value of CAGC
capacitor and the duration of the shutdown time period
should be selected such that the droop can be replenished
within this 10ms period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down. The worst-case from a recovery
standpoint is downward droop, since the AGC pull-up
current is 1/10th magnitude of the pull-down current. The
downward droop is replenished according to the Equation
7:
I
CAGC
=
∆V
∆t
(7)
where:
I = AGC pull-up current for the initial 10ms (67.5µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com