Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF009 Datasheet HTML 1Page - Micrel Semiconductor MICRF009 Datasheet HTML 2Page - Micrel Semiconductor MICRF009 Datasheet HTML 3Page - Micrel Semiconductor MICRF009 Datasheet HTML 4Page - Micrel Semiconductor MICRF009 Datasheet HTML 5Page - Micrel Semiconductor MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel
MICRF009
January 18, 2005
3
M9999-011805
(408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDDRF, VDDBB)...................................+7V
Input/Output Voltage (VI/O) ................ VSS–0.3 to VDD+0.3
Max. Input Power ..................................................+20dBm
Junction Temperature (TJ) ..................................... +150°C
Storage Temperature Range (TS)........... –65°C to +150°C
Lead Temperature (soldering, 10 sec.).................. +260°C
ESD Rating ............................................................. Note 3
Operating Ratings
(2)
Supply Voltage (VDDRF, VDDBB) ...............+4.75V to +5.5V
Max. Input Power...................................................... 0dBm
RF Frequency Range ............................300MHz to 440Hz
Data Duty-Cycle.............................................. 20% to 80%
Reference Oscillator Input Range........... 0.1VPP to 1.5VPP
Ambient Temperature (TA)........................ –40°C to +85°C
Electrical Characteristics
(4)
VDDRF = VDDBB = VDD where +4.75V ≤ VDD ≤ 5.5V, VSS = 0V; CAGC = 4.7µF, CTH = 0.022µF; SEL0 = VDD; SEL1 = VSS; fixed mode
(SWEN = VSS); fREFOSC = 9.794MHz (equivalent to fRF = 315MHz); datarate = 600bps (Manchester encoded). TA = 25°C, bold
values indicate –40°C ≤ TA ≤ +85°C; current flow into device pins is positive, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOP
Operating Current
continuous operation, fRF = 315MHz
2.9
4.5
mA
Polled with 10:1 duty cycle, fRF = 315MHz
290
µA
Continuous operation, fRF = 433.92MHz
4.7
7.5
µA
Polled with 10:1 duty cycle, fRF = 433.92MHz
470
µA
ISTBY
Standby Current
VSHUT = 0.8VDD
0.15
0.5
µA
RF Section, IF Section
Receiver Sensitivity(4)
fRF = 315MHz
–102
dBm
fRF = 433.92MHz
–104
dBm
fIF
IF Center Frequency
Note 5
0.86
MHz
fBW
IF 3dB Bandwidth
Note 5
0.68
MHz
Spurious Reverse Isolation
ANT pin, RSC = 50Ω
(6)
30
µVrms
AGC Attack to Decay Ratio
tATTACK ÷ tDECAY
0.1
AGC Leakage Current
TA = +85°
±100
nA
Reference Oscillator
ZREFOSC
Reference Oscillator
Input Impedance
Note 7
290
k
Reference Oscillator Source
Note 8
5.0
µA
Demodulator
ZCTH
CTH Source Impedance
Note 9
145
kΩ
IZCTH(leak)
CTH Leakage Current
TA = +85°C
±100
nA
Demodulator Filter
Bandwidth Sweep Mode
(SWEN = VDD or OPEN)(5)
VSEL0 = VDD
VSEL0 = VSS
1000
500
Hz
Hz
Demodulator Filter Bandwidth
Fixed Mode (SWEN = VSS)(5)
VSEL0 = VDD
VSEL0 = VSS
2000
1000
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com