Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor MICRF009 Datasheet HTML 10Page - Micrel Semiconductor MICRF009 Datasheet HTML 11Page - Micrel Semiconductor MICRF009 Datasheet HTML 12Page - Micrel Semiconductor MICRF009 Datasheet HTML 13Page - Micrel Semiconductor MICRF009 Datasheet HTML 14Page - Micrel Semiconductor MICRF009 Datasheet HTML 15Page - Micrel Semiconductor MICRF009 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Micrel
MICRF009
January 18, 2005
12
M9999-011805
(408) 955-1690
Additional Applications Information
In addition to the basic operation of the MICRF009, the
following enhancements can be made. In particular, it is
strongly recommended that the antenna impedance is
matched to the input of the IC.
Antenna Impedance Matching
As shown in Figure 7, and Table 4, the antenna pin input
impedance is frequency dependent.
The ANT pin can be matched to 50Ω with an L-type circuit
as shown in Figure 3. That is, a shunt inductor from the
antenna input to ground and another in series from the
antenna input to the ANT pin.
Inductor values may be different from Table 4, depending
on PCB material, PCB thickness, ground configuration, and
how long the traces are in the layout. Values shown were
characterized for a 0.031” thickness, FR4 board, solid
ground plane on bottom layer, and very short traces.
MuRata and Coilcraft wire-wound 0603 or 0805 surface
mount inductors were tested, however, any wire-wound
inductor with high SRF (self-resonance frequency) should
do the job.
Shutdown Function
Duty-cycled operation of the MICRF009 (often referred to
as polling) is achieved by turning the MICRF009 on and off
via the SHUT pin. The shutdown function is controlled by a
logic state applied to the SHUT pin. When VSHUT is high,
the device goes into low-power standby mode. This pin is
pulled high internally, and it must be externally pulled low
to enable the receiver.
j100
j25
∞
50
0
–j25
–j100
Figure 7
Frequency
(Mhz)
S11
Mag, angle
Z11, ohms
C3, pF
L2, nH
300
0.944,-36.65
14.45-j150
2.2
47
305
0.940,-37.499
14.84-j145
2.2
47
310
0.942,-37.579
14.28-j145
2.2
47
315
0.945, -37.66
13.48-j145
2.2
47
320
0.943,-38.237
13.58-j143
2
47
325
0.942, -38.814
13.43-j140
1.8
47
330
0.94, -39.39
13.5-j138
1.8
47
335
0.938, -39.967
13.59-j136
1.8
43
340
0.937, -40.544
13.44-j134
1.8
43
345
0.935, -41.12
13.51-j132
1.8
43
350
0.933, -41.697
13.57-j130
2
39
355
0.931, -42.274
13.62-j123
2.2
36
360
0.93, 42.85
13.48-j126
2.2
36
365
0.928, -43.427
13.52-j124
2
36
370
0.926, -44.004
13.57-j122
1.8
36
375
0.925, -44.581
13.42-j120
2.2
33
380
0.923, -45.157
13.46-j118
2
33
385
0.921, -45.734
13.49-j117
1.8
33
390
0.92, -46.311
13.35-j115
1.8
33
395
0.917, -46.729
13.6-j114
1.8
33
400
0.914, -47.148
13.89-j113
2
30
405
0.912, -47.566
14.00-j112
1.8
30
410
0.909, -47.985
14.25-j110
1.8
30
415
0.907, -48.403
14.34-j109
2.2
27
420
0.906, -48.797
14.28-j108
2
27
425
0.909, -49.152
13.63-j107
2
27
430
0.911, -49.507
13.15-j107
1.8
27
435
0.911, -49.925
12.94-j106
1.8
27
440
0.904, -50.571
13.66-j104
1.8
27
Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com