Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF009 Datasheet HTML 1Page - Micrel Semiconductor MICRF009 Datasheet HTML 2Page - Micrel Semiconductor MICRF009 Datasheet HTML 3Page - Micrel Semiconductor MICRF009 Datasheet HTML 4Page - Micrel Semiconductor MICRF009 Datasheet HTML 5Page - Micrel Semiconductor MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MICRF009
QwikRadio® Low-Power UHF Receiver
Power, Connect and Protect is a trademark of Micrel, Inc.
QwikRadio is a registered trademark of Micrel, Inc. The QwikRadio Ics were developed under a partnership agreement with AIT of Orlando, Florida.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
January 18, 2005
M9999-011805
(408) 955-1690
General Description
The MICRF009 is a single chip, ASK/OOK (ON-OFF
Keyed) RF receiver IC. It provides the same function but
with performance enhancements over earlier QwikRadio®
receivers. Two key improvements are: higher sensitivity
(typically 6dB higher than the MICRF002) and faster
recovery from shutdown (typically 1ms). Just like all other
members of the QwikRadio® family, the MICRF009
achieves low power operation, a very high level of
integration, and it is particularly easy to use.
All post-detection (demodulator) data filtering is provided
on the MICRF009, so no external baseband filters are
required. One of two filter bandwidths may be selected
externally by the user. The user only needs to program the
appropriate filter selection based on the data rate and code
modulation format.
The MICRF009 offer two modes of operation; fixed-mode
(FIX) and sweep-mode (SWP). In fixed-mode the
MICRF009 functions as a conventional superheterodyne
receiver. In sweep-mode the MICRF009 employs a
patented sweeping function to sweep a wider RF spectrum.
Fixed-mode provides better selectivity and sensitivity
performance while sweep mode enables the MICRF009 to
be used with low-cost, imprecise transmitters.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Insert as inline graphic
QwikRadio®
Features
• High sensitivity (–104dBm)
• Fast recovery from shutdown (1ms)
• 300MHz to 440MHz frequency range
• Data-rate up to 2.0kbps (fixed-mode, Manchester encoding)
• Low power consumption
2.9mA fully operational (315MHz)
0.15µA in shutdown
290µA in polled mode (10:1 duty-cycle)
• Shutdown input
• Automatic tuning, no manual adjustment
• Very low RF re-radiation at the antenna
• Highly integrated with extremely low external part count
• 1ms time to good data
Applications
• Automotive remote keyless entry (RKE)
• Long range RF identification
• Remote fan and light control
• Garage door and gate openers
Ordering Information
Part Number
Demodulator Bandwidth
Operating Mode
Shutdown
Package
MICRF009BM
User Programmable
Fixed or Sweep
Yes
16-pin SOIC
Typical Application
315Mhz 1200Bps On-Off Keyed Receiver
Fixed Mode


Similar Part No. - MICRF009

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF009

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
QwikRadio Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com