Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor MICRF009 Datasheet HTML 10Page - Micrel Semiconductor MICRF009 Datasheet HTML 11Page - Micrel Semiconductor MICRF009 Datasheet HTML 12Page - Micrel Semiconductor MICRF009 Datasheet HTML 13Page - Micrel Semiconductor MICRF009 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Micrel
MICRF009
January 18, 2005
10
M9999-011805
(408) 955-1690
Step 5: Selecting The Demodulator Filter
Bandwidth
The input SEL0 controls the demodulator filter bandwidth in
two binary steps, (625Hz to 1250Hz in sweep, 1250Hz to
2500Hz in fixed mode), see Table 3. Bandwidth must be
selected according to the application. The demodulator
bandwidth should be set according to equation 8. SEL1
tied to VSS by default.
Demodulator Bandwidth
=
0.65
shortest pulse - width
(8)
It should be noted that the values indicated in Table 1 are
the nominal values. The filter bandwidth scales linearly with
frequency so the exact value will depend on the operating
frequency. Refer to the “Electrical Characteristics” for the
exact filter bandwidth at a chosen frequency.
Demodulator Bandwidth
SEL0
Sweep Mode
Fixed Mode
1
1250Hz
2500Hz
0
625Hz
1250Hz
Table 3. Nominal Demodulator Filter Bandwidth
vs. SEL0 and Operating Mode at 433.92MHz
Power Supply Bypass Capacitors
Supply bypass capacitors are strongly recommended.
They should be connected to VDDBB and VDDRF and
should have the shortest possible lead lengths. For best
performance, connect VSSRF to VSSBB, VDDBB to
VDDRF at the power supply only (that is, keep base-band
currents from flowing through the RF return path).
Increasing Selectivity with Optional Bandpass Filter
For
applications
located
in
high
ambient
noise
environments, a fixed value band-pass network may be
connected between the ANT pin and VSSRF to provide
additional receiver selectivity and input overload protection.
A minimum input configuration is included in Figure 9. It
provides some filtering and necessary overload protection.
Data Squelching
During quiet periods (no signal), the data output (DO pin)
transitions randomly with noise. Most decoders can
discriminate between this random noise and actual data.
For some systems, it does present a problem. There are
three possible approaches to reduce this output noise:
1. Analog squelch to raise the demodulator threshold.
2. Digital squelch to disable the output when data is not
present.
3. Output filter to filter the (high frequency) noise
glitches on the data output pin.
The simplest solution is to add analog squelch by
introducing a small offset, or squelch voltage, on the CTH
pin so that noise does not trigger the internal comparator.
Usually 20mV to 30mV is sufficient, and may be achieved
by connecting a several-meg-ohm resistor from the CTH
pin to either VSSBB or VDDBB, depending on the desired
offset polarity. Since MICRF009’s receiver AGC noise at
the internal comparator input is always the same (set by
the AGC), the squelch-offset requirement does not change
as the local noise strength changes from installation to
installation. Introducing squelch will reduce sensitivity and
also reduce range. Only introduce an amount of offset
sufficient to quiet the output. Typical squelch resistor
values range from 10MΩ to 6.8MΩ for low to high squelch
strength.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF009
are diagrammed in Figures 2 through 8. The ESD
protection diodes at all input and output pins are not
shown.
CTH Pin
Figure 2. CTH Pin
Figure 2 illustrates the CTH pin interface circuit. The CTH
pin is driven from a P-Channel MOSFET source-follower
with approximately 10µA of bias. Transmission gates TG1
and TG2 isolate the 6.9pF capacitor. Internal control
signals PHI1/PHI2 are related in a manner such that the
impedance across the transmission gates looks like a
“resistance” of approximately 145kΩ. The DC potential at
the CTH pin is approximately 1.6V
CAGC Pin
Figure 3. CAGC Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com