Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF009 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF009
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF009 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF009 Datasheet HTML 1Page - Micrel Semiconductor MICRF009 Datasheet HTML 2Page - Micrel Semiconductor MICRF009 Datasheet HTML 3Page - Micrel Semiconductor MICRF009 Datasheet HTML 4Page - Micrel Semiconductor MICRF009 Datasheet HTML 5Page - Micrel Semiconductor MICRF009 Datasheet HTML 6Page - Micrel Semiconductor MICRF009 Datasheet HTML 7Page - Micrel Semiconductor MICRF009 Datasheet HTML 8Page - Micrel Semiconductor MICRF009 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel
MICRF009
January 18, 2005
2
M9999-011805
(408) 955-1690
Pin Configuration
Standard 16-Pin SOIC (M)
Demodulator Bandwidth
SEL0
Sweep-Mode
Fixed-Mode
1
1250Hz
2500Hz
0
625Hz
1250Hz
Table 1. Nominal Demodulator Filter Bandwidth vs. SEL0,
Operating Mode at 433.92 MHz
Note:
SEL0 must connect to VDD = 1 or VSS = 0. Do not float SEL0
Pin Description
Pin Number
Pin Name
Pin Function
1
SEL0
Bandwidth Selection Bit 0 (Input): Configure to set the desired demodulator filter bandwidth. See Table
1. 0 = VSS, 1 = VDD, don not float SEL0
2, 3
VSSRF
RF [Analog] Return (Input): Ground return to the RF section power supply. See “Applications
Information” for bypass capacitor details.
4
ANT
Antenna (Input): See “Applications Information” for information on input impedance. For optimal
performance the antenna impedance should be matched to the antenna pin impedance.
5
VDDRF
RF [Analog] Supply (Input): Positive supply input for the RF section of the IC. VDDBB and VDDRF
should be connected together directly at the IC pins.
6
VDDBB
Baseband [Digital] Supply (Input): Positive supply input for the baseband section of the IC. VDDBB and
VDDRF should be connected together at the IC pins.
7
CTH
[Data Slicing] Threshold Capacitor (External Component): Capacitor extracts the DC average value
from the demodulated waveform, which becomes the reference for the internal data slicing comparator.
See “Applications Information” for selection.
8
NC
No connect.
9
VSSBB
Baseband [Digital] Return (Input): Ground return to the baseband section power supply. See
“Applications Information” for bypass capacitor and layout details.
10
DO
Digital Output (Output): CMOS level compatible data output signal.
11
SHUT
Shutdown (Input): Shutdown-mode logic-level control input. Pull low to enable the receiver. This input
has an internal pulled-up to VDDRF.
12
CAGC
AGC Capacitor (External Component): Integrating capacitor for on-chip AGC (automatic gain control).
See “Applications Information” for capacitor selection.
13
SEL1
Bandwidth Selection Bit 1 (Input): Must tie to ground. Reserved for future use.
14
REFOSC2
Reference Oscillator (External Component or Input): Timing reference for on-chip tuning and
alignment.
15
REFOSC1
Reference Oscillator (External Component or Input): Timing reference for on-chip tuning and
alignment.
16
SWEN
Sweep-Mode Enable (Input): Sweep- or fixed-mode operation control input. When SWEN is high, the
MICRF009 is in sweep mode; when SWEN is low, the receiver operates as a conventional single-
conversion superheterodyne receiver. This pin is internally pulled-up to VDDRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com