Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9331 Datasheet HTML 1Page - Motorola, Inc MPC9331 Datasheet HTML 2Page - Motorola, Inc MPC9331 Datasheet HTML 3Page - Motorola, Inc MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
3
MPC9331
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK
Input
LVCMOS
PLL reference clock signal
PCLK, PCLK
Input
LVPECL
Differential PECL reference clock signal
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an output
FB_SEL
Input
LVCMOS
Feedback select
REF_SEL
Input
LVCMOS
Reference clock select
PWR_DN
Input
LVCMOS
Output frequency and power down select
FSELA
Input
LVCMOS
Frequency divider select for bank A outputs
FSELB
Input
LVCMOS
Frequency divider select for bank B outputs
FSELC
Input
LVCMOS
Frequency divider select for bank C outputs
PLL_EN
Input
LVCMOS
PLL enable/disable
CLK_STOP0-1
Input
LVCMOS
Clock output enable/disable
OE/MR
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
QA0-1, QB0-1, QC0-1 Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to use external RC filter for
the analog power supply pin VCC_PLL. Please see applications section for details.
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive power
supply for correct operation
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
PCLK is the PLL reference clock
CCLK is the PLL reference clock
FB_SEL
1
Internal PLL feedback of 8. fVCO = 8 * fref
External feedback. Zero-delay operation
enabled for CCLK or PCLK as reference
clock
PLL_EN
1
Test mode with PLL disabled. The reference clock is substituted
for the internal VCO output. MPC9331 is fully static and no
minimum frequency limit applies. All PLL related AC
characteristics are not applicable.
Normal operation mode with PLL enabled.
PWR_DN
1
VCO
÷ 1 (High output frequency range)
VCO
÷ 2 (Low output frequency range)
FSELA
0
Output divider
÷ 2
Output divider
÷ 4
FSELB
0
Output divider
÷ 2
Output divider
÷ 4
FSELC
0
Output divider
÷ 4
Output divider
÷ 6
OE/MR
1
Outputs disabled (high-impedance state) and reset of the
device. During reset in external feedback configuration, the PLL
feedback loop is open. The VCO is tied to its lowest frequency.
The MPC9331 requires reset after any loss of PLL lock. Loss of
PLL lock may occur when the external feedback path is
interrupted. The length of the reset pulse should be greater than
one reference clock cycle (CCLK or PCLK). Reset does not
affect PLL lock in internal feedback configuration.
Outputs enabled (active)
CLK_STOP[0:1]
11
See Table 3
PWR_DN, FSELA, FSELB and FSELC control the operating PLL frequency range and input/output frequency ratios.
See Table 8 through Table 10 for supported frequency ranges and output to input frequency ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com