Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc MPC9331 Datasheet HTML 10Page - Motorola, Inc MPC9331 Datasheet HTML 11Page - Motorola, Inc MPC9331 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
9
MPC9331
VL =VS (Z0 ÷ (RS+R0 + Z0))
Z0 =50 Ω || 50 Ω
RS =36 Ω || 36 Ω
R0 =14 Ω
VL = 3.0 (25 ÷ (18+14+25)
=1.31 V
At the load end, the voltage will double due to the near
unity reflection coefficient, to 2.6 V. It will then increment
towards the quiescent 3.0 V in steps separated by one round
trip delay (in this case 4.0 ns).
1.
Final skew data pending specification.
Figure 5. Single versus Dual Line
Termination Waveforms
Since this step is well above the threshold region it will not
cause any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines, the
situation in should be used. In this case the series terminating
resistors are reduced such that when the parallel combination
is added to the output buffer impedance, the line impedance
is perfectly matched.
Figure 6. Optimized Dual Line Termination
Figure 7. CCLK MPC9331 AC Test Reference for Vcc = 3.3 V
Time (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
24
68
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
14
Ω + 22Ω || 22Ω = 50Ω || 50Ω
25
Ω = 25Ω
14
Ω
MPC9331
Output
Buffer
RS = 22Ω
ZO = 50Ω
RS = 22Ω
ZO = 50Ω
Pulse
Generator
Z = 50
Ω
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC9931 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com