Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc MPC9331 Datasheet HTML 10Page - Motorola, Inc MPC9331 Datasheet HTML 11Page - Motorola, Inc MPC9331 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
11
MPC9331
PACKAGE DIMENSIONS
CS
12 REF
DIM
MIN
MAX
MILLIMETERS
A
A1
7.00 BSC
A2
0.80 BSC
b
9.00 BSC
b1
0.30
0.40
c
0.09
0.20
c1
0.09
0.16
D
D1
e
E
E1
L
L1
1.00 REF
R1
0.08
0.20
R2
S
1
1.40
1.60
0.05
0.15
1.35
1.45
0.30
0.45
0.08
---
0˚
7˚
9.00 BSC
7.00 BSC
0.50
0.70
q
q
0.20 REF
D1
D/2
E
E1
1
8
9
17
25
32
D1/2
E1/2
E/2
4X
D
7
A
D
B
A-B
0.20 H
D
4X
A-B
0.20 C
D
6
6
4
4
DETAIL G
PIN 1 INDEX
DETAIL AD
R R2
θ˚
(S)
L
(L1)
0.25
GAUGE PLANE
A2
A
A1
(
θ1˚)
8X
R R1
e
SEATING
PLANE
DETAIL AD
0.1 C
C
32X
28X
H
DETAIL G
F
F
e/2
A, B, D
3
SECTION F-F
BASE
c1
c
b
b1
METAL
A-B
M
0.20
D
C
5
8
PLATING
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3. DATUMS A, B, AND D TO BE DETERMINED AT
DATUM PLANE H.
4. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUM b DIMENSION BY MORE THAN
0.08-mm. DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD OR
PROTRUSION: 0.07-mm.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25-mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.1-mm AND
0.25-mm FROM THE LEAD TIP.
CASE 873A-03
ISSUE B
32-LEAD LQFP PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com