Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9331 Datasheet HTML 1Page - Motorola, Inc MPC9331 Datasheet HTML 2Page - Motorola, Inc MPC9331 Datasheet HTML 3Page - Motorola, Inc MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC9331
Figure 1. MPC9331 Logic Diagram
Figure 2. MPC9331 32-Lead Package Pinout (Top View)
OE/MR
Bank A
PLL
1
0
÷2
÷4
÷6
1
0
0
1
÷8
1
0
1
0
÷1
÷2
1
0
1
0
3
QA0
QA1
QB0
QB1
QC0
QC1
Bank B
Bank C
25k
25k
3 x 25 K
25k
VCC
VCC
25k
VCC
25k
VCC
3 x 25 K
VCC
CLK
Stop
CLK
Stop
CLK
Stop
Ref
FB
VCO
CLK_STOP1
CLK_STOP0
FSELC
FSELB
FSELA
PLL_EN
PWR_DN
FB_SEL
FB_IN
REF_SEL
CCLK
PCLK
PCLK
3 x 25 K
200 – 480 MHz
Power_On Reset
GND
QA1
QA0
VCC
FSELA
FSELB
FSELC
GND
QC1
QC0
VCC
FB_IN
CLK_STOP1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9331
NC
CLK_STOP0
NC
It is recommended to use an external RC filter for the analog VCC_PLL power supply pin. Please see application section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com