Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9331 Datasheet HTML 3Page - Motorola, Inc MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc MPC9331 Datasheet HTML 10Page - Motorola, Inc MPC9331 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
7
MPC9331
Table 8. MPC9331 Example Configurations (Internal Feedback: FB_SEL = 0)
fref(1) [MHz]
1. fref is the input clock reference frequency (CCLK or PCLK).
PWR_DN
FSELA
FSELB
FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
25.0 – 60.0
0
0
0
0
fref
⋅ 4 (100-240 MHz) fref ⋅ 4 (100-240 MHz) fref ⋅ 2
(50-120 MHz)
0
0
0
1
fref
⋅ 4 (100-240 MHz) fref ⋅ 4 (100-240 MHz) fref ⋅4÷3
(33.3-80 MHz)
0
0
1
0
fref
⋅ 4 (100-240 MHz) fref ⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz)
0
0
1
1
fref
⋅ 4 (100-240 MHz) fref ⋅ 2
(50-120 MHz) fref
⋅4÷3
(33.3-80 MHz)
0
1
0
0
fref
⋅ 2
(50-120 MHz) fref
⋅ 4 (100-240 MHz) fref ⋅ 2
(50-120 MHz)
0
1
0
1
fref
⋅ 2
(50-120 MHz) fref
⋅ 4 (100-240 MHz) fref ⋅4÷3
(33.3-80 MHz)
0
1
1
0
fref
⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz)
0
1
1
1
fref
⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz) fref
⋅4÷3
(33.3-80 MHz)
1
0
0
0
fref
⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz) fref
(25.0-60 MHz)
1
0
0
1
fref
⋅ 2
(50-120 MHz) fref
⋅ 2
(50-120 MHz) fref
⋅2÷3
(16.67-40 MHz)
1
0
1
0
fref
⋅ 2
(50-120 MHz) fref
(25.0-60 MHz) fref
(25.0-60 MHz)
1
0
1
1
fref
⋅ 2
(50-120 MHz) fref
(25.0-60 MHz) fref
⋅2÷3
(16.67-40 MHz)
1
1
0
0
fref
(25.0-60 MHz) fref
⋅ 2
(50-120 MHz) fref
(25.0-60 MHz)
1
1
0
1
fref
(25.0-60 MHz) fref
⋅ 2
(50-120 MHz) fref
⋅2÷3
(16.67-40 MHz)
1
1
1
0
fref
(25.0-60 MHz) fref
(25.0-60 MHz) fref
(25.0-60 MHz)
1
1
1
1
fref
(25.0-60 MHz) fref
(25.0-60 MHz) fref
⋅2÷3
(16.67-40 MHz)
Table 9. MPC9331 Example Configurations (External Feedback and PWR_DN = 0)
PLL
Feedback
fref(1)
[MHz]
1. fref is the input clock reference frequency (CCLK or PCLK).
FSELA FSELB FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
VCO
÷ 2(2)
2. QAx connected to FB_IN and FSELA=0, PWR_DN=0.
100 – 240
0
0
0
fref
(100-240 MHz) fref
(100-240 MHz) fref
÷ 2(50-120 MHz)
0
0
1
fref
(100-240 MHz) fref
(100-240 MHz) fref
÷ 3
(33.3-80 MHz)
0
1
0
fref
(100-240 MHz) fref
÷ 2
(50-120 MHz) fref
÷ 2(50-120 MHz)
0
1
1
fref
(100-240 MHz) fref
÷ 2
(50-120 MHz) fref
÷ 3
(33.3-80 MHz)
VCO
÷ 4(3)
3. QAx connected to FB_IN and FSELA=1, PWR_DN=0.
50 –120
1
0
0
fref
(50-120 MHz) fref
⋅2
(100-240 MHz) fref
(50-120 MHz)
1
0
1
fref
(50-120 MHz) fref
⋅2
(100-240 MHz) fref
⋅2÷3
(33.3-80 MHz)
1
1
0
fref
(50-120 MHz) fref
(100-240 MHz) fref
(50-120 MHz)
1
1
1
fref
(50-120 MHz) fref
(100-240 MHz) fref
⋅2 ÷ 3
(33.3-80 MHz)
VCO
÷ 6(4)
4. QCx connected to FB_IN and FSELC=1, PWR_DN=0.
33.3 – 80
0
0
1
fref
⋅3 (100-240 MHz) fref ⋅3
(100-240 MHz) fref
(33.3-80 MHz)
0
1
1
fref
⋅3 (100-240 MHz) fref ⋅3 ÷ 2
(50-120 MHz) fref
(33.3-80 MHz)
1
0
1
fref
⋅3 ÷ 2 (50-120 MHz) fref ⋅3
(100-240 MHz) fref
(33.3-80 MHz)
1
1
1
fref
⋅3 ÷ 2 (50-120 MHz) fref ⋅3 ÷ 2
(50-120 MHz) fref
(33.3-80 MHz)
Table 10. MPC9331 Example Configurations (External Feedback and PWR_DN = 1)
PLL
Feedback
fref(1)
[MHz]
FSELA
FSELB
FSELC
QA[0:1]:fref ratio
QB[0:1]:fref ratio
QC[0:1]:fref ratio
VCO
÷ 8(2)
25.0 – 60.0
1
0
0
fref
25-60 MHz) fref
⋅2
(50-120 MHz) fref
(2.25-60 MHz)
101
fref
(25-60 MHz) fref
⋅2
(50-120 MHz) fref
⋅2÷3
(16.6-40 MHz)
110
fref
(25-60 MHz) fref
(25-60 MHz) fref
(25-60 MHz)
111
fref
(25-60 MHz) fref
(25-60 MHz) fref
⋅2÷3
(16.6-40 MHz)
VCO
÷ 12(3) 16.67 – 40
0
0
1
fref
⋅3
(50-120 MHz) fref
⋅3
(50-120 MHz) fref
(16.67-40 MHz)
011
fref
⋅3
(50-120 MHz) fref
⋅3 ÷ 2 (25-60 MHz) fref
(16.67-40 MHz)
101
fref
⋅3 ÷ 2 (25-60 MHz) fref ⋅3
(50-120 MHz) fref
(16.67-40 MHz)
111
fref
⋅3 ÷ 2 (25-60 MHz) fref ⋅3 ÷ 2 (25-60 MHz) fref
(16.67-40 MHz)
1. fref is the input clock reference frequency (CCLK or PCLK).
2. QAx connected to FB_IN and FSELA=1, PWR_DN=1.
3. QCx connected to FB_IN and FSELC=1, PWR_DN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com