Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9331 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9331
Description  3.3 V 1:6 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9331 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9331 Datasheet HTML 1Page - Motorola, Inc MPC9331 Datasheet HTML 2Page - Motorola, Inc MPC9331 Datasheet HTML 3Page - Motorola, Inc MPC9331 Datasheet HTML 4Page - Motorola, Inc MPC9331 Datasheet HTML 5Page - Motorola, Inc MPC9331 Datasheet HTML 6Page - Motorola, Inc MPC9331 Datasheet HTML 7Page - Motorola, Inc MPC9331 Datasheet HTML 8Page - Motorola, Inc MPC9331 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MPC9331
Rev. 7, 1/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
3.3 V 1:6 LVCMOS PLL Clock
Generator
The MPC9331 is a 3.3 V compatible, 1:6 PLL based clock generator targeted
for high performance low-skew clock distribution in mid-range to high-performance
telecom, networking, and computing applications. With output frequencies up to
240 MHz and output skews less than 150 ps, the device meets the needs of most
the demanding clock applications. The MPC9331 is specified for the temperature
range of 0°C to +70°C.
Features
•
1:6 PLL based low-voltage clock generator
•
3.3 V power supply
•
Generates clock signals up to 240 MHz
•
Maximum output skew of 150 ps
•
Differential LVPECL reference clock input
•
Alternative LVCMOS PLL reference clock input
•
Internal and external PLL feedback
•
Supports zero-delay operation in external feedback mode
•
PLL multiplies the reference clock by 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x, x/2, x/3
or x/4
•
Synchronous output clock stop in logic low eliminates output runt pulses
•
Power_down feature reduces output clock frequency
•
Drives up to 12 clock lines
•
32-lead LQFP packaging
•
32-lead Pb-free Package Available
•
Ambient temperature range 0°C to +70°C
•
Internal Power-Up Reset
•
Pin and function compatible to the MPC931
Functional Description
The MPC9331 utilizes PLL technology to frequency lock its outputs onto an input reference clock. Normal operation of the
MPC9331 requires either the selection of internal PLL feedback or the connection of one of the device outputs to the feedback
input to close the PLL feedback path in external feedback mode. The reference clock frequency and the divider for the feedback
path determine the VCO frequency. Both must be selected to match the VCO frequency range. In external PLL feedback
configuration and with the available post-PLL dividers (divide-by-2, divide-by-4, and divide-by-6), the internal VCO of the
MPC9331 is running at either 2x, 4x, 6x, 8x, or 12x of the reference clock frequency. In internal feedback configuration
(divide-by-8) the internal VCO is running 8x of the reference frequency. The frequency of the QA, QB, QC output banks is a
division of the VCO frequency and can be configured independently for each output bank using the FSELA, FSELB, and FSELC
pins, respectively. The available output to input frequency ratios are 4x, 3x, 2x, 1x, 4/3x, 3/2x, 2/3x, x/2, x/3, or x/4.
The REF_SEL pin selects the differential LVPECL or the LVCMOS compatible input as the reference clock signal. The PLL_EN
control selects the PLL bypass configuration for test and diagnosis. In this configuration, the selected input reference clock is
routed directly to the output dividers bypassing the PLL. The PLL bypass is fully static and the minimum clock frequency
specification and all other PLL characteristics do not apply. The outputs can be disabled (high-impedance) by deasserting the
OE/MR pin. In the PLL configuration with external feedback selected, deasserting OE/MR causes the PLL to loose lock due to
missing feedback signal presence at FB_IN. Asserting OE/MR will enable the outputs and close the phase locked loop, enabling
the PLL to recover to normal operation. The MPC9331 output clock stop control allows the outputs to start and stop
synchronously in logic low state, without the potential generation of runt pulses.
The MPC9331 is fully 3.3 V compatible and requires no external loop filter components. The inputs (except PCLK) accept
LVCMOS except signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
Ω
transmission lines. For series terminated transmission lines, each of the MPC9331 outputs can drive one or two traces giving the
devices an effective fanout of 1:12. The device is packaged in a 7x7 mm2 32-lead LQFP package.
MPC9331
LOW VOLTAGE
3.3 V LVCMOS 1:6
CLOCK GENERATOR
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-03
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03


Similar Part No. - MPC9331

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC9331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69772 EXAR-XRK69772 Datasheet
283Kb / 12P
1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
1:14 LVCMOS PLL CLOCK GENERATOR
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9653A RENESAS-MPC9653A Datasheet
690Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com