Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC2G53_18 Datasheet HTML 12Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 13Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 14Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 15Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 16Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 17Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 19Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
A
Device 1
Device 2
INH
Microcontroller
SN74LVC2G53
16
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC2G53 can be used in any situation where an SPDT switch is required in an application. This switch
helps to select one of two signals of which signals can be either digital or analog.
9.2 Typical Application
Figure 13. Typical Application Schematic
9.2.1 Design Requirements
The SN74LVC2G53 allows on/off control of analog and digital signals with a digital control signal. All input
signals should remain between 0 V and VCC for optimal operation.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
For rise time and fall time specifications, see Δt/Δv in the Recommended Operating Conditions table.
–
For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table.
–
Inputs and outputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommended Output Conditions:
–
Load currents should not exceed ±50 mA.
3. Frequency Selection Criterion:
–
Maximum frequency tested is 150 MHz.
–
Added trace resistance or capacitance can reduce maximum frequency capability; use layout practices as
directed in Layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com