Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G53_18 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
COM
Y
Y2
A
INH
Y1
COM
5
2
7
6
1
SW
SW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch
2:1 Analog Multiplexer/Demultiplexer
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ Package
•
1.65-V to 5.5-V VCC Operation
•
High On-Off Output Voltage Ratio
•
High Degree of Linearity
•
High Speed, Typically 0.5 ns (VCC = 3 V,
CL = 50 pF)
•
Low ON-State Resistance, Typically 6.5
Ω
(VCC = 4.5 V)
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
2 Applications
•
Wireless Devices
•
Audio and Video Signal Routing
•
Portable Computing
•
Wearable Devices
•
Signal Gating, Chopping, Modulation or
Demodulation (Modem)
•
Signal Multiplexing for Analog-to-Digital and
Digital-to-Analog Conversion Systems
3 Description
This single 2:1 analog multiplexer/demultiplexer is
designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G53 device can handle both analog
and digital signals. This device permits signals with
amplitudes of up to 5.5 V (peak) to be transmitted in
either direction.
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
Applications
include
signal
gating,
chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G53DCT
SM8 (8)
2.95 mm × 2.80 mm
SN74LVC2G53DCU
VSSOP (8)
2.30 mm × 2.00 mm
SN74LVC2G53YZP
DSBGA (8)
1.91 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram
NOTE: For simplicity, the test conditions shown in
Figure 1 through Figure 4 and Figure 6
through Figure 10 are for the demultiplexer
configuration. Signals can be passed from
COM to Y1 (Y2) or from Y1 (Y2) to COM.
Logic Diagram, Each Switch (SW)


Similar Part No. - SN74LVC2G53_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
More results

Similar Description - SN74LVC2G53_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com