Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G53_18 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 10Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
SN74LVC2G53
www.ti.com
SCES324P – JULY 2001 – REVISED OCTOBER 2016
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Analog Switch Characteristics (continued)
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
Crosstalk
(control input to signal output)
INH
COM or Y
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (square wave)
(see Figure 8)
1.65 V
35
mV
2.3 V
50
3 V
70
4.5 V
100
Feedthrough attenuation
(switch off)
COM or Y
Y or COM
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
(see Figure 9)
1.65 V
–60
dB
2.3 V
–60
3 V
–60
4.5 V
–60
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
(see Figure 9)
1.65 V
–50
2.3 V
–50
3 V
–50
4.5 V
–50
Sine-wave distortion
COM or Y
Y or COM
CL = 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
(see Figure 10)
1.65 V
0.1%
2.3 V
0.025%
3 V
0.015%
4.5 V
0.01%
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
(see Figure 10)
1.65 V
0.15%
2.3 V
0.025%
3 V
0.015%
4.5 V
0.01%
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF, f = 10 MHz
VCC = 1.8 V
9
pF
VCC = 2.5 V
10
VCC = 3.3 V
10
VCC = 5 V
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com