Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G53_18 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
6.5
V
VI
Input voltage(2)(3)
–0.5
6.5
V
VI/O
Switch I/O voltage(2)(3)(4)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
II/OK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
IT
ON-state switch current
VI/O = 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
6.3 Recommended Operating Conditions
See note
(1).
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VIH
High-level input voltage, control input
VCC = 1.65 V to 1.95 V
VCC × 0.65
V
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VIL
Low-level input voltage, control input
VCC = 1.65 V to 1.95 V
VCC × 0.35
V
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
Δt/Δv
Input transition rise and fall time
VCC = 1.65 V to 1.95 V
20
ns/V
VCC = 2.3 V to 2.7 V
20
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com