Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G53_18 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
MAX
UNIT
tpd
(1)
COM or Y
Y or COM
VCC = 1.8 V ± 0.15 V
2
ns
VCC = 2.5 V ± 0.2 V
1.2
VCC = 3.3 V ± 0.3 V
0.8
VCC = 5 V ± 0.5 V
0.6
ten
(2)
INH
COM or Y
VCC = 1.8 V ± 0.15 V
3.3
9
ns
VCC = 2.5 V ± 0.2 V
2.5
6.1
VCC = 3.3 V ± 0.3 V
2.2
5.4
VCC = 5 V ± 0.5 V
1.8
4.5
tdis
(3)
INH
COM or Y
VCC = 1.8 V ± 0.15 V
3.2
10.9
ns
VCC = 2.5 V ± 0.2 V
2.3
8.3
VCC = 3.3 V ± 0.3 V
2.3
8.1
VCC = 5 V ± 0.5 V
1.6
8
ten
(2)
A
COM or Y
VCC = 1.8 V ± 0.15 V
2.9
10.3
ns
VCC = 2.5 V ± 0.2 V
2.1
7.2
VCC = 3.3 V ± 0.3 V
1.9
5.8
VCC = 5 V ± 0.5 V
1.3
5.4
tdis
(3)
A
COM or Y
VCC = 1.8 V ± 0.15 V
2.1
2.1
ns
VCC = 2.5 V ± 0.2 V
1.4
7.9
VCC = 3.3 V ± 0.3 V
1.1
7.2
VCC = 5 V ± 0.5 V
1
5
(1)
Adjust fin voltage to obtain 0 dBm at input.
6.7 Analog Switch Characteristics
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
Frequency response
(switch on)
COM or Y
Y or COM
CL = 50 pF, RL = 600 Ω,
fin = sine wave
(see Figure 6)
1.65 V
35
MHz
2.3 V
120
3 V
190
4.5 V
215
CL = 5 pF, RL = 50 Ω,
fin = sine wave
(see Figure 6)
1.65 V
>300
2.3 V
>300
3 V
>300
4.5 V
>300
Crosstalk(1)
(between switches)
COM or Y
Y or COM
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
(see Figure 7)
1.65 V
–58
dB
2.3 V
–58
3 V
–58
4.5 V
–58
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
(see Figure 7)
1.65 V
–42
2.3 V
–42
3 V
–42
4.5 V
–42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com