Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74LVC2G53_18 Datasheet HTML 14Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 15Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 16Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 17Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 18Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 19Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 20Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 21Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
WORST
BETTER
BEST
1W min.
W
18
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to loop antenna theory, but different enough to warrant their own
discussion. When a PCB trace turns a corner at a 90° angle, a reflection can occur. This is primarily due to the
change of width of the trace. At the apex of the turn, the trace width is increased to 1.414 times its width. This
upsets the transmission line characteristics, especially the distributed capacitance and self–inductance of the
trace — resulting in the reflection.
NOTE
Not all PCB traces can be straight, and so they will have to turn corners. Figure 15 shows
progressively better techniques of rounding corners. Only the last example maintains
constant trace width and minimizes reflections.
11.2 Layout Example
Figure 15. Trace Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com