Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB252 Datasheet HTML 1Page - ON Semiconductor FUSB252 Datasheet HTML 2Page - ON Semiconductor FUSB252 Datasheet HTML 3Page - ON Semiconductor FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
3
Pin Configuration
FUSB252
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VICC1
VICC2
V0CC1
V0CC2
HSD-
HSD+
VVDD
GND
SEL
/OE
GND
INTB/
FLAGB
HSD1-
HSD1+
HSD2+
HSD2-
FUSB252
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
VICC1
VICC2
V0CC1
V0CC2
HSD-
HSD+
SEL
/OE
GND
HSD1-
HSD1+
HSD2+
HSD2-
VVDD
GND
INTB/
FLAGB
Figure 4.
Pin Assignment (Top Through View)
Figure 5.
Pin Assignment (Bottom View)
Pin Descriptions
Bump
Name
Type
Description
Power Interface
13
VDD
Power
Power
5,14
GND
Ground
Ground
USB Type-C Connector Interface Input
15, 16
VICC1,2
Input
Type C CC Interface OVP protection input, Connect to connector
USB Type-C Connector Interface Output
1, 2
VOCC1,2
Output
Type C CC Interface output. Connect to controller
USB High Speed Data Interface
3
HSD+
I/O
Common High Speed Digital / USB Data Bus
4
HSD-
I/O
Common High Speed Digital / USB Data Bus
12
HSD1+
I/O
Multiplexed Source Input 1
11
HSD1-
I/O
Multiplexed Source Input 1
10
HSD2+
I/O
Multiplexed Source Input 2
9
HSD2-
I/O
Multiplexed Source Input 2
Signal Interface
7
/OE
I/O
Switch Enable
6
SEL
I/O
Switch Select
8
INTB/FLAGB
Output
OVP Interrupt Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com