Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB252 Datasheet HTML 1Page - ON Semiconductor FUSB252 Datasheet HTML 2Page - ON Semiconductor FUSB252 Datasheet HTML 3Page - ON Semiconductor FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
January 20177
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
FUSB252 Type-C CC with High Speed Digital (HSD)
Port Protection Switch
Features
§ Fully Type-C Port Protection
§ Supports USB Type-C
TM Specification 1.2
§ VCC 0 V- 5.5 V
§ 20 V DC Protection on VCC
§ 16 V DC protection on HSD Port
§ VDD Operating Range, 2.7 V- 5.5 V
§ Current Capability: 1 A
§ CC RON: 0.3 Ω Typical
§ HSD RON: 5 Ω Typical
§ Wide -3 db Bandwidth: 1 GHz
§ Low Power Operation: ICC = 9 µA Typical
§ Dead Battery Support (UFP Support when No
Power Applied)
§ CC Over-Voltage Protection: Typical = 5.6 V
Description
The FUSB252 is an integrated port protection switch for
USB Type-C applications. This product will protect
HSD+/- and CCx pins when stressed with voltages up to
20 V. Over-Voltage Protection (OVP) at 5.8 V typical will
protect the system for Electrical Overstress (EOS)
damage. With a fully integrated USB 2.0 switch for
HSD+/-, this product can be easily integrated into
existing solutions. The HSD switches can pass USB 2.0
signals with bandwidth 1 GHz to maintain signal integrity
and eye compliance.
The CC switches have very low RON of 0.3 Ω to
minimize
signal
attenuation.
The
FUSB252
also
provides
Dead
Battery
support
per
the
Type-C
specification Additional features include Under-Voltage
Lockout (UVLO) and thermal shutdown.
Applications
§ Smartphones
§ Tablets
§ Laptops
CC Protection
Dead Battery Rd
OVP
Logic&
Control
Type C
Controller
PMIC
GND
VBUS
GND
FUSB252
High Speed Digital
Protection MUX
HSD+
HSD-
HSD1+
HSD1-
AP
INTB /
FLAGB
/OE
SEL
HSD2+
HSD2-
Charger
VSYS
VDD
VOCC1
VOCC2
VBUS
VICC1
VICC2
Figure 1.
Typical Application
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
Top Mark
FUSB252UMX
-40 to 85°C
16-Lead Ultrathin Molded Leadless
Package (UMLP) 1.8 x 2.6 mm
Tape and Reel
UZ
USB Type-C
TM is a trademark of USB Implementers Forum, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com