Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor FUSB252 Datasheet HTML 10Page - ON Semiconductor FUSB252 Datasheet HTML 11Page - ON Semiconductor FUSB252 Datasheet HTML 12Page - ON Semiconductor FUSB252 Datasheet HTML 13Page - ON Semiconductor FUSB252 Datasheet HTML 14Page - ON Semiconductor FUSB252 Datasheet HTML 15Page - ON Semiconductor FUSB252 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
11
Test Diagrams (Continued)
Figure 15. Break-Before-Make Interval Timing
Figure 16. Bandwidth
Figure 17. Channel Off Isolation
Figure 18. Non-Adjacent Channel-to-Channel Crosstalk
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=HIGH
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=LOW
Figure 19. Channel Off Capacitance
Figure 20. Channel On Capacitance
Vcc
0.9*Vout
Vcc/2
t
BBM
0V
VOUT
Input - V
Sel
0.9*Vout
tRISE= 2.5ns
90%
10%
CL
HSDn
RL
Dn
GND
GND
RS
VSel
V
SW1
GND
V
OUT
V
SW2
GND
--
R
L , R
S , and CL are functions of the application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance.
V
OUT
GND
GND
R
T
GND
GND
V
S
R
S
Network Analyzer
VSel
GND
R
S and RT are functions of the application
environment (see AC Tables for specific values).
V
IN
R
S and RT are functions of the application
environment (see AC Tables for specific values).
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
VSel
GND
VIN
RT
Off isolation = 20 Log (VOUT / VIN)
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
R
S and RT are functions of the application environment
(see AC Tables for specific values).
VSel
GND
NC
VIN
Crosstalk = 20 Log (VOUT / VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com