Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB252 Datasheet HTML 1Page - ON Semiconductor FUSB252 Datasheet HTML 2Page - ON Semiconductor FUSB252 Datasheet HTML 3Page - ON Semiconductor FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
4
Table 1.
CC Switch Truth Table Configuration
VDD
VICC Voltage
CC Switch Configuration
0 V - UVLO (Not Valid)
0 V – 5.8 V
OFF Dead Battery Rd Inserted
5.8 V to 20 V
OFF Dead Battery Rd Inserted
2.7 V – 5.5 V (Valid)
0 V – 5.8 V
On
5.8 V to 20 V
OFF (OVP)
Table 2.
Device Truth Table Configuration
/OE
SEL
VDD
HSD+/HSD-
CC
1
0
Not Valid
X (Open/High-Z)
Dead Battery
0
0
Not Valid
X (Open/High-Z)
Dead Battery
1
X
Valid
X (Open/High-Z)
On
0
0
Valid
HSD1+/HSD1-
On
0
1
Valid
HSD2+/HSD2-
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com