Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor FUSB252 Datasheet HTML 10Page - ON Semiconductor FUSB252 Datasheet HTML 11Page - ON Semiconductor FUSB252 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
7
AC Electrical Characteristics
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA=25°C and
VDD=3.8 V unless otherwise specified.
Symbol
Parameter
VDD (V)
Conditions
TA = -40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
CC Switch Timing Parameter
tOVP
Response Time
(2)
2.7 to 5.5
IOUT = 0.2 A, CL = 200 pF,
VICCx 5 V to 6 V
0.5
1.0
μs
tON
Turn-On Time
VDD Rising 2 V to 3 V
25
ms
TMBB
Make-Before-Break
2.7 to 5.5 VDD Rising 2 V to 3 V
600
ns
CC Switch Capacitance
CON
Switch Path On
Capacitance
(2)
2.7 to 5.5
100
pF
CC Switch Bandwidth
BW
PD Traffic Bandwidth
(2)
2.7 to 5.5 RL = 50 Ω, CL = 200 pF
25
MHz
HSD Switch Timing Parameter
tOVP
Response Time
(2)
2.7 to 5.5 IOUT = 0.2 A, V D± 4 V to 5 V
0.5
1.0
μs
tON
Turn-On Time, /OE to
Output
(2)
2.7 to 5.5
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V
25
ms
tOFF
Turn-Off Time, /OE to
Output
(2)
2.7 to 5.5
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V
100
400
ns
tPD
Propagation Delay
(2)
2.7 to 5.5 RL= 50 Ω, CL = 5 pF,
0.25
ns
TBBM
Break-Before-Make
(2)
2.7 to 5.5
RL = 50 Ω, CL = 5 pF,
VSWx = 0.8 V SEL= H <-> L
100
μs
OIRR
Off Isolation
2.7 to 5.5 RL = 50 Ω, f = 240 MHZ
-25
dB
Xtalk
Non-Adjacent Channel
Crosstalk
2.7 to 5.5 RL = 50 Ω, f = 240 MHZ
-40
dB
HSD Switch Capacitance
CIN
Control Pin Input
Capacitance
(2)
0
1.5
pF
CON
HSD+/HSD- On
Capacitance
(2)
2.7 to 5.5 /OE = L, f = 240 MHz,
4
COFF
HSD1x, HSD2x Off
Capacitance
(2)
2.7 to 5.5 /OE = H
2.5
USB Switch Bandwidth
BW
-3 db Bandwidth
(2)
2.7 to 5.5 RL = 50 Ω, CL = 0 pF
1400
MHz
2.7 to 5.5 RL = 50 Ω, CL = 5 pF
560
USB High-Speed-Related
tSK(P)
Skew of Opposite Transitions
of the Same Output
(2)
RL = 50 Ω, CL = 5pF
25
ps
tJ
Total Jitter
(2)
RL = 50 Ω, CL = 5 pF,
tR= tF = 500 ps (10-90%) at
480 Mbps (PRBS=2
15 – 1)
200
ps
Note:
2.
Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com