Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB252 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB252
Description  Type-C CC with High Speed Digital Port Protection Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB252 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB252 Datasheet HTML 3Page - ON Semiconductor FUSB252 Datasheet HTML 4Page - ON Semiconductor FUSB252 Datasheet HTML 5Page - ON Semiconductor FUSB252 Datasheet HTML 6Page - ON Semiconductor FUSB252 Datasheet HTML 7Page - ON Semiconductor FUSB252 Datasheet HTML 8Page - ON Semiconductor FUSB252 Datasheet HTML 9Page - ON Semiconductor FUSB252 Datasheet HTML 10Page - ON Semiconductor FUSB252 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FUSB252 • Rev. 1.5
6
DC Electrical Characteristics
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA=25°C and
VDD=4.2 V unless otherwise specified.
Symbol
Parameter
VDD (V)
Conditions
TA = -40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
Basic Operation Device
ICC
Quiescent Supply Current
2.7 to 5.5
/OE = L, IOUT =0
9
µA
/OE = H IOUT =0
9
IOFF
Power-Off Leakage Current
0
3
µA
Basic Operation CC switch
ISD(DB)
Dead Battery Supply Current
0 to
UVLO
Dead Battery State Supply
Current
15
uA
RON
CC Path On Resistance
2.7 to 5.5 IOUT = 200 mA
350
480
mΩ
VOV_TRIP
Input OVP Lockout
2.7 to 5.5
VICC Rising
5.65
6.20
V
VICC Falling
5.3
VOV_HYS
Input OVP Hysteresis
2.7 to 5.5
0.35
V
VUVLO
Under-Voltage Lockout
2.7 to 5.5
VDD Rising
2.55
2.70
V
VDD Falling
2.5
TSD
Thermal Shutdown
(1)
Shutdown Threshold
150
°C
Return from Shutdown
130
Hysteresis
20
Rd
Dead Battery Pull-Down
Resistance
0 to
UVLO
Dead Battery Resistance
4.08
5.10
6.12
kΩ
Voltage on Pin
0.25
2.6
V
Basic Operation HSD Switch
VOV_TRIP
Input OVP Lockout
2.7 to 5.5
VHSD± Rising
4.4
5.0
V
VHSD± Falling
4.1
VOV_HYS
Input OVP Hysteresis
2.7 to 5.5
0.3
V
VUV_TRIP
Input Under-Voltage Lockout 2.7 to 5.5
-1.2
V
VIH
Input Voltage High
2.7 to 5.5
1.3
V
VIL
Input Voltage Low
2.7 to 5.5
0.5
V
IIN
Control Input Leakage
2.7 to 5.5 VSW = 0 to VDD
0.1
µA
IOZ
Off State Leakage
4.2
0≤HSDn ≤3.6 V
2
µA
4.2
0≤HSD1n±, HSD2n± ≤3.6 V
100
nA
RON
HS Switch On Resistance
4.2
VSW = 0.4 V, ION = -8 mA
5
Ω
ΔRON
HS Delta RON
4.2
VSW = 0.4 V, ION = -8 mA
0.1
Ω
Note:
1.
Guaranteed by characterization, not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com