Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 9Page - ON Semiconductor FUSB302T Datasheet HTML 10Page - ON Semiconductor FUSB302T Datasheet HTML 11Page - ON Semiconductor FUSB302T Datasheet HTML 12Page - ON Semiconductor FUSB302T Datasheet HTML 13Page - ON Semiconductor FUSB302T Datasheet HTML 14Page - ON Semiconductor FUSB302T Datasheet HTML 15Page - ON Semiconductor FUSB302T Datasheet HTML 16Page - ON Semiconductor FUSB302T Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
12
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VvDD
Supply Voltage from VDD
-0.5
6.0
V
VCC_HDDRP
CC pins when configured as Host, Device or Dual Role Port
-0.5
6.0
V
VVBUS
VBUS Supply Voltage
-0.5
28.0
V
TSTORAGE
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
C
ESD
Human Body Model, ANSI/ESDA/JEDEC JS-001-2012
All Pins
4
kV
Charged Device Model, JEDEC JESD22-C101
All Pins
1
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance. Fairchild does not recommend exceeding them or
designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VVBUS
VBUS Supply Voltage
4.0
5.0
21.0
V
VVDD
VDD Supply Voltage
2.7
(3)
3.3
5.5
V
VVCONN
VCONN Supply Voltage
2.7
5.5
V
IVCONN
VCONN Supply Current
560
mA
TA
Operating Temperature
-40
+85
C
Note:
3. This is for functional operation only and not the lowest limit for all subsequent electrical specifications below. All
electrical parameters have a minimum of 3.0 V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com