Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 13Page - ON Semiconductor FUSB302T Datasheet HTML 14Page - ON Semiconductor FUSB302T Datasheet HTML 15Page - ON Semiconductor FUSB302T Datasheet HTML 16Page - ON Semiconductor FUSB302T Datasheet HTML 17Page - ON Semiconductor FUSB302T Datasheet HTML 18Page - ON Semiconductor FUSB302T Datasheet HTML 19Page - ON Semiconductor FUSB302T Datasheet HTML 20Page - ON Semiconductor FUSB302T Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
16
IO Specifications
Symbol
Parameter
VDD (V)
Conditions
TA=-40 to +85°C
TJ=-40 to +125°C
Unit
Min.
Typ.
Max.
Host Interface Pins(INT_N)
VOLINTN
Output Low Voltage
3.0 to 5.5
IOL=4 mA
0.4
V
TINT_Mask
Time from global interrupt
mask bit cleared to when
INT_N goes LOW
3.0 to 5.5
50
µs
I
2C Interface Pins – Standard, Fast, or Fast Mode Plus Speed Mode (SDA, SCL)(6)
VILI2C
Low-Level Input Voltage
3.0 to 5.5
0.51
V
VIHI2C
High-Level Input Voltage
3.0 to 5.5
1.32
V
VHYS
Hysteresis of Schmitt Trigger
Inputs
3.0 to 5.5
94
mV
II2C
Input Current of SDA and
SCL Pins
3.0 to 5.5
Input Voltage 0.26 V
to 2.0 V
-10
10
µA
ICCTI2C
VDD Current when SDA or
SCL is HIGH
3.0 to 5.5
Input Voltage 1.8 V
-10
10
µA
VOLSDA
Low-Level Output Voltage
(Open-Drain)
3.0 to 5.5
IOL=2 mA
0
0.35
V
IOLSDA
Low-Level Output Current
(Open-Drain)
3.0 to 5.5
VOLSDA=0.4 V
20
mA
CI
Capacitance for Each I/O Pin
3.0 to 5.5
5
pF
Note:
6.
I
2C pull up voltage is required to be between 1.71 V and V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com