Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 32 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 32 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 28Page - ON Semiconductor FUSB302T Datasheet HTML 29Page - ON Semiconductor FUSB302T Datasheet HTML 30Page - ON Semiconductor FUSB302T Datasheet HTML 31Page - ON Semiconductor FUSB302T Datasheet HTML 32Page - ON Semiconductor FUSB302T Datasheet HTML 33Page - ON Semiconductor FUSB302T Datasheet HTML 34Page - ON Semiconductor FUSB302T Datasheet HTML 35Page - ON Semiconductor FUSB302T Datasheet HTML 36Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
31
Software Model
Port software interacts with the port chip in two primary
ways:
I2C Registers
8 bit data tokens sent to or received from the FIFO
register.
All reserved bits written in the TxFIFO should be 0
and all reserved bit read from the RxFIFO should
be ignored.
Transmit Data Tokens
Transmit data tokens provide in-sequence transmit
control and data for the transmit logic. Note that the
token codes, and their equivalent USB PD K-Code are
not the same. Tokens are read one at a time when they
reach the end of the TX FIFO. I.e., the specified token
action is performed before the next token is read from
the TX FIFO.
The tokens are defined as follows:
Table 29. Tokens Used in FIFO
Code
Name
Size (Bytes)
Description
101x-xxx1
(0xA1)
TXON
1
Alternative method for starting the transmitter with the TX-START bit.
This is not a token written to the TxFIFO but a command much like
TX_START but it is more convenient to write it while writing to the
TxFIFO in one contiguous write operation. It is preferred that the
TxFIFO is first written with data and then TXON or TX_START is
executed. It is expected that A1h will be written for TXON not any
other bits where x is non-zero such as B1h, BFh, etc
0x12
SOP1
1
When reaching the end of the FIFO causes a Sync-1 symbol to be
transmitted.
0x13
SOP2
1
When reaching the end of the FIFO causes a Sync-2 symbol to be
transmitted.
0x1B
SOP3
1
When reaching the end of the FIFO causes a Sync-3 symbol to be
transmitted.
0x15
RESET1
1
When reaching the end of the FIFO causes a RST-1 symbol to be
transmitted.
0x16
RESET2
1
When reaching the end of the FIFO causes a RST-2 symbol to be
transmitted.
0x80
PACKSYM
1+N
This data token must be immediately followed by a sequence of N
packed data bytes. This token is defined by the 3 MSB‟s being set to
3‟b100. The 5 LSB‟s are the number of packed bytes being sent.
Note: N cannot be less than 2 since the minimum control packet has a
header that is 2 bytes and N cannot be greater than 30 since the
maximum data packet has 30 bytes (2 byte header + 7 data objects
each having 4 bytes)
Packed data bytes
have two 4 bit data fields. The 4 LSB‟s are sent
first, after 4b5b conversion etc in the chip.
0xFF
JAM_CRC
1
Causes the CRC, calculated by the hardware, to be inserted into the
transmit stream when this token reaches the end of the TX FIFO.
0x14
EOP
1
Causes an EOP symbol to be sent when this token reaches the end
of the TX FIFO.
0xFE
TXOFF
1
Turn off the transmit driver. Typically the next symbol after EOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com