Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 23 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 19Page - ON Semiconductor FUSB302T Datasheet HTML 20Page - ON Semiconductor FUSB302T Datasheet HTML 21Page - ON Semiconductor FUSB302T Datasheet HTML 22Page - ON Semiconductor FUSB302T Datasheet HTML 23Page - ON Semiconductor FUSB302T Datasheet HTML 24Page - ON Semiconductor FUSB302T Datasheet HTML 25Page - ON Semiconductor FUSB302T Datasheet HTML 26Page - ON Semiconductor FUSB302T Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
22
Table 9.
Slice
- Address: 05h
- Reset Value: 0x0110_0000
- Type: Read/Write
Bit #
Name
R/W/C Size (Bits)
Description
7:6
SDAC_HYS[1:0]
R/W
2
Adds hysteresis where there are now two thresholds, the lower
threshold which is always the value programmed by
SDAC[5:0] and the higher threshold that is:
11: 255 mV hysteresis: higher threshold = (SDAC value + 20hex)
10 = 170 mV hysteresis: higher threshold = (SDAC value + Ahex)
01 = 85 mV hysteresis: higher threshold = (SDAC value + 5)
00 = No hysteresis: higher threshold = SDAC value
5:0
SDAC[5:0]
R/W
6
BMC Slicer DAC data input. Allows for a programmable threshold
so as to meet the BMC receive mask under all noise conditions.
Table 10. Control0
- Address: 06h
- Reset Value: 0x0010_0100
- Type: (see column below)
Bit #
Name
R/W/C Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
TX_FLUSH
W/C
1
1: Self clearing bit to flush the content of the transmit FIFO.
5
INT_MASK
R/W
1
1: Mask all interrupts.
0: Interrupts to host are enabled.
4
Reserved
N/A
1
Do Not Use
3:2
HOST_CUR[1:0]
R/W
2
1: Controls the host pull up current enabled by PU_EN[2:1]:
00: No current
01: 80 µA
– Default USB power.
10: 180 µA
– Medium Current Mode: 1.5 A
11: 330 µA
– High Current Mode: 3 A
1
AUTO_PRE
R/W
1
1: Starts the transmitter automatically when a message with a good
CRC is received. This allows the software to take as much as
300 µS to respond after the I_CRC_CHK interrupt is received.
Before starting the transmitter, an internal timer waits for
approximately 170 µS before executing the transmit start and
preamble.
0: Feature disabled.
0
TX_START
W/C
1
1: Start transmitter using the data in the transmit FIFO. Preamble is
started first. During the preamble period the transmit data can start
to be written to the transmit FIFO. Self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com