Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB302T Datasheet HTML 1Page - ON Semiconductor FUSB302T Datasheet HTML 2Page - ON Semiconductor FUSB302T Datasheet HTML 3Page - ON Semiconductor FUSB302T Datasheet HTML 4Page - ON Semiconductor FUSB302T Datasheet HTML 5Page - ON Semiconductor FUSB302T Datasheet HTML 6Page - ON Semiconductor FUSB302T Datasheet HTML 7Page - ON Semiconductor FUSB302T Datasheet HTML 8Page - ON Semiconductor FUSB302T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
October 2018
www.
onsemi.com
© 201
8 Semiconductor Components Industries, LLC
FUSB302T
• Rev.
2
FUSB302T
Programmable USB Type-C Controller w/PD
Features
Dual-Role Functionality with Autonomous DRP
Toggle
Ability to connect as either a host or a device based
on what has been attached.
Software configurable either as a dedicated host,
dedicated device, or dual role.
- Dedicated devices can operate both on a Type-C
receptacle or a Type-C plug with a fixed CC and
VCONN channel.
Full Type-C 1.2 Support. Integrates the following
functionality of the CC pin
- Attach/Detach Detection as Host
- Current Capability Indication as Host
- Current Capability Detection as Device
- Audio Adapter Accessory Mode
- Debug Accessory Mode
- Active Cable Detection
Integrates CCx to VCONN switch with over-current
limiting for powering USB3.1 Full Featured cables.
USB Power Delivery (PD) 2.0 support
- Automatic GoodCRC Packet Response
- Automatic retries of sending a packet if a
GoodCRC is not received
- Automatic soft reset packet sent with retries if
needed
- Automatic Hard Reset Ordered Set Sent
Default CC open for SRC application.
Low Power Operation: I
CC = 25 μA (Typical)
Packaged in :
- 14-lead MLP (2.5 mm x 2.5 mm, 0.5 mm Pitch)
Description
The FUSB302T targets system designers looking to
implement USB Type-C wall charger or Travel adaptor.
In addition to the default SRC function, the device
supports
DRP/
SRC/
SNK
with
low
amount
of
programmability.
The FUSB302T enables the USB Type-C detection
including attach/detach, and orientation. The FUSB302T
integrates the physical layer of the USB BMC power
delivery protocol to allow up to 100 W of power and role
swap. The BMC PD block enables full support for
alternative interfaces of the Type-C specification.
Applications
Charging/Wall Adaptors
Cigarette Jack in Cars
Laptops
Notebooks
Power Adapters
Cameras
Dongles
Figure 1.
Block Diagram
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FUSB302TMPX
-40 to
85°C
14-lead MLP 2.5 mm x 2.5 mm, 0.5 mm Pitch
Tape and Reel
FUSB302T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com