Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302T Datasheet(PDF) 21 Page - ON Semiconductor

Part # FUSB302T
Description  Programmable USB Type-C Controller w/PD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302T Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FUSB302T Datasheet HTML 17Page - ON Semiconductor FUSB302T Datasheet HTML 18Page - ON Semiconductor FUSB302T Datasheet HTML 19Page - ON Semiconductor FUSB302T Datasheet HTML 20Page - ON Semiconductor FUSB302T Datasheet HTML 21Page - ON Semiconductor FUSB302T Datasheet HTML 22Page - ON Semiconductor FUSB302T Datasheet HTML 23Page - ON Semiconductor FUSB302T Datasheet HTML 24Page - ON Semiconductor FUSB302T Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
20
Table 5.
Device ID
- Address: 01h
- Reset Value: 0x1010_0000
- Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Version ID
R
4
Device version ID
1000 : FUSB302
1001 : FUSB302B
1010 : FUSB302T
3:2
Reserved
R
2
Do not use
1:0
Revision ID
R
2
Revision History of each version
00 : RevA
01 : RevB
10 : RevC
11 : RevD
Table 6.
Switches0
- Address: 02h
- Reset Value: 0x0000_0000
- Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Description
7
PU_EN2
R/W
1
1: Apply host pull up current to CC2 pin.
6
PU_EN1
R/W
1
1: Apply host pull up current to CC1 pin.
5
VCONN_CC2
R/W
1
1: Turn on the VCONN current to CC2 pin.
4
VCONN_CC1
R/W
1
1: Turn on the VCONN current to CC1 pin.
3
MEAS_CC2
R/W
1
1: Use the measure block to monitor or measure the voltage on
CC2.
2
MEAS_CC1
R/W
1
1: Use the measure block to monitor or measure the voltage on
CC1.
1
PDWN2
R/W
1
1: Device pull down on CC2. 0: No pull down.
0
PDWN1
R/W
1
1: Device pull down on CC1. 0: No pull down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com