Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 3 Page - NXP Semiconductors

  MHT2012N Datasheet HTML 1Page - NXP Semiconductors MHT2012N Datasheet HTML 2Page - NXP Semiconductors MHT2012N Datasheet HTML 3Page - NXP Semiconductors MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MHT2012N
3
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =32 Vdc, VGS =0 Vdc)
IDSS
500
nAdc
Gate--Source Leakage Current
(VGS =0.9 Vdc, VDS =0 Vdc)
IGSS
200
nAdc
Stage 2 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =14 Adc)
VGS(th)
0.8
1.2
1.6
Vdc
Fixture Gate Quiescent Voltage (1)
(VDS =28 Vdc, IDQ2 =72 mAdc)
VGG(Q)
4.8
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 140 mAdc)
VDS(on)
0.05
0.14
0.20
Vdc
Table 6. Typical Performance
In NXP Reference Circuit, 50 ohm system, VDD =28 Vdc, IDQ1 =15 mA, IDQ2 = 75 mA, 2400–2500 MHz Bandwidth
Power Gain
Gps
29.7
dB
Power Added Efficiency
PAE
50.5
%
Pout @ 1 dB Compression Point, CW
P1dB
11.7
W
Pout @ 3 dB Compression Point, CW
P3dB
14
W
Gain Variation over Temperature
(–30Cto+85C)
G
0.036
dB/C
Output Power Variation over Temperature
(–30Cto+85C)
P1dB
0.004
dB/C
Table 7. Load Mismatch/Ruggedness
In NXP Reference Circuit, 50 ohm system, IDQ1 =12 mA, IDQ2 =72 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(dBm)
Test Voltage, VDD
Result
2450
CW
10:1 at all
Phase Angles
14
(3 dB Overdrive)
32
No Device Degradation
Table 8. Ordering Information
Device
Tape and Reel Information
Package
MHT2012NT1
T1 Suffix = 1000 Units, 16 mm Tape Width, 13--inch Reel
PQFN 8  8
1. Data measured in NXP test fixture with 4.7 k resistor in series with VGS1 and VGS2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com