Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 1 Page - NXP Semiconductors

  MHT2012N Datasheet HTML 1Page - NXP Semiconductors MHT2012N Datasheet HTML 2Page - NXP Semiconductors MHT2012N Datasheet HTML 3Page - NXP Semiconductors MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MHT2012N
1
RF Device Data
NXP Semiconductors
RF LDMOS Integrated Power
Amplifier
This 12.5 W CW RF power integrated circuit is designed for RF energy
applications operating in the 2450 MHz ISM band.
Typical Performance: VDD =28 Vdc,Pin =11 dBm,IDQ1 =15 mA, IDQ2 =75 mA
Frequency
(MHz)
Signal
Type
Gps
(dB)
PAE
(%)
Pout
(W)
2400
CW
30.1
51.3
13.0
2450
30.0
51.4
12.7
2500
29.7
50.5
11.7
Features
 High gain simplifies layout and reduced PCB area compared to a
discrete design
 Qualified up to a maximum of 32 VDD operation
 On--chip input and interstage matching (50 ohm input)
 Integrated quiescent current temperature compensation with
enable/disable function (1)
 Integrated ESD protection
 150C case and junction temperature rating
 Ideal as a driver for high power RF energy applications
Typical Applications
 Driver for consumer and commercial cooking applications
 Driver for industrial heating applications, such as sterilization,
pasteurization, drying, moisture--leveling process, curing and welding
 Driver for medical applications, such as microwave ablation,
renal denervation and diathermy
 Final stage for portable heating devices and portable medical systems
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistor.
VGS2
VGS1
Quiescent Current
Temperature Compensation (1)
RFin
RFout/VDS2
VDS1
1
RFin
2
3
4
5
6 78 9 10 11 12
18
17
16
15
14
13
24 23 22 21 20 19
N.C.
N.C.
N.C.
RFin
RFout/VDS2
RFout/VDS2
N.C.
N.C.
N.C.
N.C.
N.C.
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987.
Document Number: MHT2012N
Rev. 0, 07/2018
NXP Semiconductors
Technical Data
2400–2500 MHz, 12.5 W CW, 28 V
RF LDMOS INTEGRATED
POWER AMPLIFIER
MHT2012N
PQFN 8  8
PLASTIC
 2018 NXP B.V.


Similar Part No. - MHT2012N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT2000GNR1 NXP-MHT2000GNR1 Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
MHT2000N NXP-MHT2000N Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
MHT2000NR1 NXP-MHT2000NR1 Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
logo
Lite-On Technology Corp...
MHT2020AT LITEON-MHT2020AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
MHT2030AT LITEON-MHT2030AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
More results

Similar Description - MHT2012N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MW6IC2420NBR1 FREESCALE-MW6IC2420NBR1 Datasheet
489Kb / 12P
RF LDMOS Integrated Power Amplifier
MW6IC2420NBR1 FREESCALE-MW6IC2420NBR1_08 Datasheet
494Kb / 12P
RF LDMOS Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW6IC2420N NXP-MW6IC2420N Datasheet
726Kb / 12P
RF LDMOS Integrated Power Amplifier
Rev. 3, 12/2010
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com