Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MHT2012N Datasheet HTML 3Page - NXP Semiconductors MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors MHT2012N Datasheet HTML 10Page - NXP Semiconductors MHT2012N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MHT2012N
7
RF Device Data
NXP Semiconductors
2400–2500 MHz REFERENCE CIRCUIT — 2 3 (5.1 cm  7.6 cm)
Figure 7. MHT2012N Reference Circuit Component Layout — 2400–2500 MHz
aaa--030920
Q1
R1
C1 C2
C9
C8
C7
C13
R2
C4 C5
C14
C15
C17
D103883
MHT2012N
Rev. 1
C3
C16
C 11
C12
C18
C6
C19
C10
VG
VD
VG
VD
Table 11. MHT2012N Reference Circuit Component Designations and Values — 2400–2500 MHz
Part
Description
Part Number
Manufacturer
C1, C4, C9, C12
10 F Chip Capacitor
GRM32ER61H106KA12L
Murata
C2, C5, C8, C11
0.1 F Chip Capacitor
GRM32NR72A104KA01B
Murata
C3
0.5 pF Chip Capacitor
ATC600F0R5BT250XT
ATC
C6
1.6 pF Chip Capacitor
ATC600F1R6BT250XT
ATC
C7
4.7 pF Chip Capacitor
ATC600F4R7BT250XT
ATC
C10
220 F, 50 V Electrolytic Capacitor
227CKS050M
Illinois Capacitor
C13, C14, C15, C16, C17, C18, C19 5.6 pF Chip Capacitor
ATC600F5R6BT250XT
ATC
Q1
RF Power LDMOS Transistor
MHT2012N
NXP
R1, R2
4.7 k, 1/4 W Chip Resistor
CRCW12064K70FKEA
Vishay
PCB
Rogers RT6035HTC, 0.030, r =3.5
D103883
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com