Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 4 Page - NXP Semiconductors

  MHT2012N Datasheet HTML 1Page - NXP Semiconductors MHT2012N Datasheet HTML 2Page - NXP Semiconductors MHT2012N Datasheet HTML 3Page - NXP Semiconductors MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
NXP Semiconductors
MHT2012N
TYPICAL CHARACTERISTICS
90
TJ, JUNCTION TEMPERATURE (C)
109
108
107
120
140
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
MTTF calculator available at http://www.nxp.com/RF/calculators.
100
130
150
Figure 3. MTTF versus Junction Temperature – CW
106
105
160
768 mA
921 mA
VDD =28 Vdc
110
ID = 615 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com