Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors MHT2012N Datasheet HTML 10Page - NXP Semiconductors MHT2012N Datasheet HTML 11Page - NXP Semiconductors MHT2012N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
RF Device Data
NXP Semiconductors
MHT2012N
TYPICAL CHARACTERISTICS — 2400–2500 MHz REFERENCE CIRCUIT
14
2400
Gps
f, FREQUENCY (MHz)
Figure 8. Power Gain, Power Added Efficiency and CW Output Power
versus Frequency at a Constant Input Power
27.5
30
13
60
55
50
45
16
15
PAE
29.5
28
2425
2475
Pout
29
28.5
2450
2500
26.5
27
VDD =28 Vdc,Pin =13 dBm,IDQ1 =15 mA, IDQ2 =75 mA
Figure 9. Power Gain, Power Added Efficiency and
Input Power versus CW Output Power and Frequency
Pout, OUTPUT POWER (WATTS)
15
24
21
0
Gps
75
100
25
33
30
27
36
5
50
65
Pin
18
39
42
35
20
50
0
PAE
4
8
12
16
20
2500 MHz
2400 MHz
2400 MHz
VDD =28 Vdc,IDQ1 =15 mA, IDQ2 =75 mA
2450 MHz
2500 MHz
2500 MHz
2400 MHz
2450 MHz
2450 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com