Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2012N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MHT2012N
Description  RF LDMOS Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2012N Datasheet(HTML) 5 Page - NXP Semiconductors

  MHT2012N Datasheet HTML 1Page - NXP Semiconductors MHT2012N Datasheet HTML 2Page - NXP Semiconductors MHT2012N Datasheet HTML 3Page - NXP Semiconductors MHT2012N Datasheet HTML 4Page - NXP Semiconductors MHT2012N Datasheet HTML 5Page - NXP Semiconductors MHT2012N Datasheet HTML 6Page - NXP Semiconductors MHT2012N Datasheet HTML 7Page - NXP Semiconductors MHT2012N Datasheet HTML 8Page - NXP Semiconductors MHT2012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MHT2012N
5
RF Device Data
NXP Semiconductors
Table 9. Load Pull Performance — Maximum Power Tuning
VDD =28 Vdc, IDQ1 =12 mA, IDQ2 = 73 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
PAE
(%)
2400
40.9 + j23.6
48.3 – j23.1
7.22 – j4.32
30.0
42.2
17
49.8
49.7
2450
38.1 + j30.8
47.3 – j30.9
7.06 – j3.92
29.9
42.3
17
51.9
51.8
2500
32.9 + j30.7
40.4 – j32.8
6.76 – j3.83
30.0
42.4
18
52.6
52.5
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
PAE
(%)
2400
40.9 + j23.6
42.8 – j26.8
7.50 – j4.46
27.9
42.8
19
49.4
49.3
2450
38.1 + j30.8
40.4 – j32.0
7.20 – j4.35
27.8
43.0
20
50.8
50.7
2500
32.9 + j30.7
33.9 – j32.4
7.05 – j4.26
27.9
43.0
20
51.2
51.1
(1) Load impedance for optimum P1dB power.
(2) Load impedance for optimum P3dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Note: Measurement made on a per side basis.
Table 10. Load Pull Performance — Maximum Efficiency Tuning
VDD =28 Vdc, IDQ1 =12 mA, IDQ2 = 73 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Efficiency
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
PAE
(%)
2400
40.9 + j23.6
58.6 – j22.8
4.19 – j1.25
30.5
40.9
12
56.2
56.1
2450
38.1 + j30.8
56.8 – j34.4
4.01 – j1.06
30.2
41.0
13
56.8
56.7
2500
32.9 + j30.7
48.5 – j37.7
3.63 – j1.34
30.4
41.1
13
59.5
59.4
f
(MHz)
Zsource
()
Zin
()
Max Efficiency
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
PAE
(%)
2400
40.9 + j23.6
51.9 – j26.8
4.28 – j1.45
28.5
41.6
15
54.3
54.2
2450
38.1 + j30.8
48.5 – j35.0
4.19 – j1.50
28.2
41.9
15
55.2
55.1
2500
32.9 + j30.7
40.4 – j36.5
3.94 – j1.74
28.4
42.0
16
57.0
56.9
(1) Load impedance for optimum P1dB efficiency.
(2) Load impedance for optimum P3dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Note: Measurement made on a per side basis.
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com