Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 4 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 4 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FH41 Series
●0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
BRecommended PCB layout and metal mask dimension diagram
BRecommended FFC dimension drawing
BRecommended land, metal mask and FFC dimension table
Unit : mm
Part No.
HRS No.
No. of contacts
Number of ground contacts : G
JK
L
FH41-15S-0.5SH(05)
580-2222-2 05
15
3
9.5
9.2
8
FH41-20S-0.5SH(05)
580-2221-0 05
20
4
12
11.7
10.5
FH41-28S-0.5SH(05)
580-2208-1 05
28
5
16
15.7
14.5
FH41-30S-0.5SH(05)
580-2218-5 05
30
6
17
16.7
15.5
FH41-31S-0.5SH(05)
580-2216-0 05
31
6
17.5
17.2
16
FH41-40S-0.5SH(05)
580-2205-3 05
40
8
22
21.7
20.5
FH41-50S-0.5SH(28)
580-2204-0 28
50
10
27
26.7
25.5
FH41-68S-0.5SH(28)
580-2202-5 28
68
13
36
35.7
34.5
Recommended metal mask thickness : t= 0.1
0.25±0.03(Metal mask)
0.2±0.03(Metal mask)
J±0.05
(G-1)×2.5 (=E)±0.05
0.4±0.03
0.3±0.03(Land pattern)
0.3±0.03(Land pattern)
2.5±0.05
0.5±0.05
1±0.05
D±0.05
1
Shielded area
Ground plate
0.5 ±0.1
0.5 ±0.05(Ground plate thickness)
0.3 ±0.05(End conductor thickness)
0.5 ±0.1
0.5 ±0.05
0.3 ±0.03
K ±0.1
L ±0.07
D ±0.05
2-R
0.2
±0
.1
2-R
0.2
±0
.1
Please overlap shield plate on ground plate
Note : 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com