Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 5 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 5 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FH41 Series
●0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
BPackaging Specification Dimensions
Unit : mm
Part No.
HRS No.
No. of contacts Number of ground contacts : G
MP
QR
S
T
U
V
FH41-15S-0.5SH(05)
580-2222-2 05
15
3
24
-
11.5
11.8
10.5
9.2
29.4
25.4
FH41-20S-0.5SH(05)
580-2221-0 05
20
4
-
14.3
13.5
12.2
FH41-28S-0.5SH(05)
580-2208-1 05
28
5
32
28.4
14.2
18.3
17
15.7
37.4
33.4
FH41-30S-0.5SH(05)
580-2218-5 05
30
6
19.3
18
16.7
FH41-31S-0.5SH(05)
580-2216-0 05
31
6
19.8
18.5
17.2
FH41-40S-0.5SH(05)
580-2205-3 05
40
8
44
40.4
20.2
24.3
23
21.7
49.4
45.4
FH41-50S-0.5SH(28)
580-2204-0 28
50
10
29.3
28
26.7
FH41-68S-0.5SH(28)
580-2202-5 28
68
13
56
52.4
26.2
38.3
37
35.7
61.4
57.4
●Embossed carrier tape dimension
BPackaging Specifications
●Reel dimensions
Unreeling direction
L
C
(2.9)
(0.3)
12±0.1
2±0.1
4±0.1
(1.64 : Vacuum pick up surface for automatic mounting)
(Tape width: Minimum of 32mm)
(Tape width: Maximum of 24mm)
Unreeling direction
L
C
(2.9)
(0.3)
(1.64 : Vacuum pick up surface for automatic mounting)
4±0.1
2±0.1 12±0.1
(7.35)
(5.75)
(7.35)
(5.75)
(V : Inner width)
(U : Outer width)
(Minimum of 10 empty pockets)
(At least 14 empty pockets)
Cover tape
Embossed carrier tape containing product
Empty pockets
Loaded product section
Terminal section
Leader section (Minimum of 400 mm)
Empty pockets



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com