Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 3 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FH41 Series
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
■Connector dimension drawing
■Connector dimension table
Unit : mm
Part No.
HRS No.
No. of contacts
Number of ground contacts : G
CD
E
F
H
FH41-15S-0.5SH(05)
580-2222-2 05
15
3
11.5
7
5
8.07
9.45
FH41-20S-0.5SH(05)
580-2221-0 05
20
4
14
9.5
7.5
10.57
11.95
FH41-28S-0.5SH(05)
580-2208-1 05
28
5
18
13.5
10
14.57
15.95
FH41-30S-0.5SH(05)
580-2218-5 05
30
6
19
14.5
12.5
15.57
16.95
FH41-31S-0.5SH(05)
580-2216-0 05
31
6
19.5
15
12.5
16.07
17.45
FH41-40S-0.5SH(05)
580-2205-3 05
40
8
24
19.5
17.5
20.57
21.95
FH41-50S-0.5SH(28)
580-2204-0 28
50
10
29
24.5
22.5
25.57
26.95
FH41-68S-0.5SH(28)
580-2202-5 28
68
13
38
33.5
30
34.57
35.95
Note 1 : This embossed packaged product is sold by full reel quantities of 2,500 pcs/reel. Please place orders in full reel quantities.
0.5
H
(0.12)
(0.12)
1
(G-1)×2.5 (=E)
D
C
(0.15)
2.5
(F: FFC insert opening dimension)
0.8
6.2
0.25
Cavity No.
No. of contacts
Note 1 : The coplanarity of the metal fittings and the contacts are a maximum of 0.1mm.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Recesses may be added to the part structure to improve the molding characteristics. Black marks
may appear in the mold resin, but they will not negatively affect the performance of these connectors.
Note 4 : The color of the plating may change after the reflow process, but it will not negatively affect the
performance of these connectors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com