Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 2 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FH41 Series
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
■Product Specifications
Rating
Rated current 0.5A (Note 1)
Rated voltage AC 50Vrms
Operating temperature range:
−40 to +105ç (Note 2)
Operating humidity range:
Relative humidity of 90% or lower
(no dew condensation)
Storage temperature range:
−10 to +50ç (Note 3)
Storage humidity range:
Relative humidity of 90% or lower
(no dew condensation)
Applicable FPC and FFC
terminal specifications
t= 0.3 ±0.05, gold plating (GND plate: t= 0.5 ±0.05, tin plating)
Items
Specifications
Conditions
1. Insulation resistance Minimum of 500Mø
Measured at DC 100V.
2. Withstanding voltage No flashover or insulation damage
AC 150Vrms for 1 minute
3. Contact
resistance
Maximum of 100mø
*Incl. FFC conductor resistance
Measured at 1mA.
4. Repeated motions
Durability
Contact resistance : Maximum of 100mø
No damaged, cracked or loose parts.
20 mating cycles
5. Vibration
resistance
No electrical discontinuity for more than 1µs
Contactresistance : Maximum of 100mø
No damaged, cracked or loose parts.
Frequency 10 to 55Hz with half amplitude 0.75mm in 3
directions, 10 cycles each.
6. Impact
resistance
No electrical discontinuity for more than 1µs
Contact resistance : Maximum of 100mø
No damaged, cracked or loose parts.
Acceleration : 981m/s2, duration time : 6ms, with half sine
waves in 3 directions, three times each.
7. Humidity resistance
in ordinary conditions
Contact resistance : Maximum of 100mø
Insulation resistance : Minimum of 50Mø
No damaged, cracked or loose parts.
Left for 96 hours at temperature 40ç, humidity 90 to 95%
8. Temperature
cycle
Contact resistance : Maximum of 100mø
Insulation resistance : Minimum of 50Mø
No damaged, cracked or loose parts.
Temperature : −40ç
→ +15ç to +35ç → +105ç → +15ç to +35ç
Time : 30
→ 2 to 3 → 30 → 2 to 3 min.
5 cycles in the above conditions
9. Solder heat
resistance
No deformation of components or no
significant looseness of contacts, etc.
Reflow : Recommended temperature profile
Manual soldering : 350 ±5ç for 5 sec.
Note 1 : When energizing rated current to all contacts, use 70% of rated current.
Note 2 : Includes temperature rise caused by current flow.
Note 3 : The term "storage" here refers to products stored for a long period prior to board mounting and use. The operating
temperature and humidity range covers the non-energized condition of connectors after board mounting and the
temporary storage.
■Materials / Finish
Parts
Materials
Color/Finish
Remarks
Insulating parts
LCP
Gray
UL94V-0
Black
Terminal
Phosphor bronze
Gold plating
———
Pure tin reflow plating
Metal parts
Phosphor bronze (plating material)
■Product number structure
Refer to the chart below when datermining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
FH 41 − 50S − 0.5 SH (05)
qw
e
r
t
y
tTerminal shape
SH…SMT horizontal implementation type
yPlating specifications :
(05)…Gold plating (Except 50, 68 contacts)
(28)…Gold plating (50, 68 contacts)
qSeries name : FH
wSeries number : 41
eNumber of contacts : 15 to 68
rContact pitch : 0.5mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com