Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH41 Datasheet(PDF) 8 Page - Hirose Electric

Part # FH41
Description  0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41 Datasheet(HTML) 8 Page - Hirose Electric

  FH41 Datasheet HTML 1Page - Hirose Electric FH41 Datasheet HTML 2Page - Hirose Electric FH41 Datasheet HTML 3Page - Hirose Electric FH41 Datasheet HTML 4Page - Hirose Electric FH41 Datasheet HTML 5Page - Hirose Electric FH41 Datasheet HTML 6Page - Hirose Electric FH41 Datasheet HTML 7Page - Hirose Electric FH41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FH41 Series
●0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
Handling
Precautions for use
1. Insertion position
Insert the cable so that the positioning tabs lay in the gap,
which is indicated by the two
, between the mold wall
on the both sides of the cable insert opening indicated by
and the guide wall that is on the inside of the
connector indicated by
.
2. Precautions for insertion and mating
qDo not insert the cable diagonally, the corners of the
cable might get hooked on the connector which can
damage the contacts.
qInsert the cable straight
into the opening at a
slight angle to ensure a
complete connection.
wRotate the actuator
down to close the
actuator.
wFFC must not over lap
Do not close the actuator until the FFC has been placed
into its correct position. If it is sitting on the guides and
the actuator closes onto it, it can cause damage and
alter its performance.
If the lock is closed with the cable running over the
guide, do not move the cable. In this case, open the
actuator first and re-insert the cable to the position
explained in “1. Insertion position.”
In the event that the lock is closed and the cable was
not in its correct position, do not try to move the cable.
Release the lock immediately and open the actuator
back up, remove and re-position the cable as explained
previously in “1. Insertion position.”
BPrecautions for inserting and mating FFC with positioning tabs
Insertion
from a
skewed
direction
Cable over lapping
on the left guide.
Cable over lapping
on the right guide.
Correct insertion
Do not close the actuator if the cable is not in its correct position or if it is still on top of the guides.
Prevent the actuator from closing and moving in various directions with the cable
running over the guide. If the cable is misplaced and the actuator is closed, do
not move the cables back and forth after the actuator has been locked.
Recommended mating
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 05/2016. Contents are subject to change without notice for the purpose of improvements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com